Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28227FBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL28227FBZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227FBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL28227FBZ Datasheet HTML 1Page - Intersil Corporation ISL28227FBZ Datasheet HTML 2Page - Intersil Corporation ISL28227FBZ Datasheet HTML 3Page - Intersil Corporation ISL28227FBZ Datasheet HTML 4Page - Intersil Corporation ISL28227FBZ Datasheet HTML 5Page - Intersil Corporation ISL28227FBZ Datasheet HTML 6Page - Intersil Corporation ISL28227FBZ Datasheet HTML 7Page - Intersil Corporation ISL28227FBZ Datasheet HTML 8Page - Intersil Corporation ISL28227FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6633.0
May 29, 2009
Absolute Voltage Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .42V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . 0.5V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
Max/Min Input current for input voltage >V+ or <V- . . . . . . . . ±20mA
Output Short-Circuit Duration (1 output at a time) . . . . . . Indefinite
ESD Tolerance
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .500V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5kV
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
8 Ld SOIC Package. . . . . . . . . . . . . . . . . . . . . . . .
120
Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C. Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
VOS
Offset Voltage
10
70
µV
120
µV
VOS/T
Offset Voltage Drift
0.1
0.5
µV/
°C
IOS
Input Offset Current
1
10
nA
12
nA
IB
Input Bias Current
110
nA
12
nA
VCM
Input Voltage Range
Guaranteed by CMRR
-13
13
V
-12
12
V
CMRR
Common-Mode Rejection Ratio
VCM = -13V to +13V
115
120
dB
VCM = -12V to +12V
115
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±20V
115
125
dB
VS = ±3V to ± 20V
115
dB
AVOL
Open-Loop Gain
VO = -13V to +13V
RL = 10kΩ to ground
1000
1500
V/mV
VOH
Output Voltage High
RL = 10kΩ to ground
13.5
13.65
V
13.2
V
RL = 2kΩ to ground
13.4
13.5
V
13.1
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-13.65
-13.5
V
-13.2
V
RL = 2kΩ to ground
-13.5
-13.4
V
-13.1
V
IS
Supply Current/Amplifier
2.2
2.8
mA
3.7
mA
ISL28127, ISL28227


Similar Part No. - ISL28227FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28227FBZ INTERSIL-ISL28227FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FBZ INTERSIL-ISL28227FBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FBZ INTERSIL-ISL28227FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
logo
Renesas Technology Corp
ISL28227FBZ RENESAS-ISL28227FBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28227FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com