Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3173A Datasheet(PDF) 2 Page - Texas Instruments

Part # UC3173A
Description  Full Bridge Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3173A Datasheet(HTML) 2 Page - Texas Instruments

  UC3173A Datasheet HTML 1Page - Texas Instruments UC3173A Datasheet HTML 2Page - Texas Instruments UC3173A Datasheet HTML 3Page - Texas Instruments UC3173A Datasheet HTML 4Page - Texas Instruments UC3173A Datasheet HTML 5Page - Texas Instruments UC3173A Datasheet HTML 6Page - Texas Instruments UC3173A Datasheet HTML 7Page - Texas Instruments UC3173A Datasheet HTML 8Page - Texas Instruments UC3173A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
UC3173A
Input Supply Voltage, (VIN, VC, VL) . . . . . . . . . . . . . . . . . . 20V
UV Comparator
Maximum Forced Voltage . . . . . . . . . . . . . . . .
−0.3V to 10V
Maximum Forced Current . . . . . . . . . . . . . . . . . . . . .
± 10mA
B Amplifier Inverting Input . . . . . . . . . . . . . .
−0.3V to VIN + 1.0
A Amplifier Inverting Inputs,
(Aux. and Normal) . . . . . . . . . . . . . . . . .
−0.3V to VC + 1.0V
Open Collector Output Voltages . . . . . . . . . . . . . . . . . . . . . 20V
A and B Output Currents (Continuous)
Source . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited
Sink . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6A
Parking Drive Output Current
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mA
Pulsed. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A
Output Diode Current (Pulsed) . . . . . . . . . . . . . . . . . . . . . . 0.6A
Power OK Output Current (Continuous) . . . . . . . . . . . . . . 30mA
Operating Junction Temperature . . . . . . . . . .
−55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C
Note 1: Unless otherwise indicated, voltages are referenced to
ground and currents are positive into, negative out of, the speci-
fied terminals, “Pulsed” is defined as a less than 10% duty cycle
pulse with a maximum duration of 500
µs.
ABSOLUTE MAXIMUM RATINGS (Note 1)
DW Package:
Thermal Resistance Junction to Leads,
θjl . . . . . . . . 35°C/W
Thermal Resistance Junction to Ambient,
θja . . . . 60-70°C/W
FQ Package:
Thermal Resistance Junction to Leads,
θjl . . . . . . . . . 60°C/W
Thermal Resistance Junction to Ambient,
θja . . 110-120°C/W
QP Package:
Thermal Resistance Junction to Leads,
θjl . . . . . . . . . 15°C/W
Thermal Resistance Junction to Ambient,
θja . . . . 30-40°C/W
Note 2: The above numbers for
θjl are maximums for the limiting
thermal resistance of the package in a standard mounting con-
figuration. The
θja numbers are meant to be guide lines for the
thermal performance of the device/pc-board system. All of the
above numbers assume no ambient airflow.
Note 3: Consult Packaging Section of Unitrode Integrated Cir-
cuits databook for thermal specifications and limitations of pack-
ages.
THERMAL DATA
SOIC-24 (Top View)
DW Package
PLCC-28 (Top View)
QP Package
48
47
46
45
1
44
43
42
41
40
39
38
37
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
N/C
N/C
VIN
BIN
N/C
N/C
PRKDRV
PWROK
REFIN
N/C
N/C
N/C
BOUT
BOUT
N/C
N/C
N/C
AOUT
AOUT
N/C
N/C
N/C
AIN
VC
RANGE
CS+
COMP
VPARK
N/C
GND
CSOUT
VL
INH
N/C
UV1
UV2
PARK
PGND
N/C
PGND
CS–
N/C
N/C
N/C
N/C
N/C
N/C
N/C
CONNECTION DIAGRAMS
TQFP-48 (Top View)
FQ Package


Similar Part No. - UC3173A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3173A TI1-UC3173A Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQP TI1-UC3173AQP Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQPTR TI1-UC3173AQPTR Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
More results

Similar Description - UC3173A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com