Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC-W0805HF-06-75R0-F Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # PFC-W0805HF-06-75R0-F
Description  Mil-Screened High Frequency Mil-Screened High Frequency
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-W0805HF-06-75R0-F Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  PFC-W0805HF-06-75R0-F Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-W0805HF-06-75R0-F Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-W0805HF-06-75R0-F Datasheet HTML 3Page - IRC - a TT electronics Company. PFC-W0805HF-06-75R0-F Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PFC HF MIL Series Issue January 2009 Sheet 1 of 4
Electrical Data
Maximum Continuous
Power Rating
Ohmic
Value
Available
Tolerances
Temperature
Range
Noise
Termination
Substrate
W0603HF
100mW
50.0Ω
and
75.0Ω
K J G F
-55°C to 150°C <-25dB
60/40 Sn/Pb Plate 99.5% Alumina
W0805HF
150mW
W1206HF
250mW
Long life TaNFilm® element
Military screening per MIL-PRF-55342
Available in 0603, 0805 and 1206 chip sizes
Standard 60/40 Sn/Pb solder plated terminations
Environmental Data
Environmental Test
MIL-PRF-55342
Maximum ∆R Per
Characteristic E
Performance
Typical
Maximum
Thermal Shock
±0.10%
±0.02%
±0.10%
Low Temperature Operation
±0.10%
±0.01%
±0.05%
Short-time Overload
±0.10%
±0.01%
±0.05%
High Temperature Exposure
±0.10%
±0.03%
±0.10%
Effects Of Solder
±0.20%
±0.01%
±0.10%
Moisture Resistance
±0.20%
±0.03%
±0.10%
Life
±0.50%
±0.03%
±0.10%
IRC offers MIL-screened high frequency chip terminators are available in standard chip resistor sizes. Available
in 0603, 0805 and 1206 chip sizes, the PFC-HF MIL is a drop-in replacement for poorer performing standard
size chips. Built on the same production line as our mil-qualified, tantalum nitride PFC chip resistors with Group
A screening to MIL-PRF-55342 assures the highest level of performance and reliability.
With operation characterized to 6GHz, the PFC-HF MIL series is suitable for RF and microwave transmission
line termination as well as high speed digital line termination. Applications include SCSI bus terminations, DDR
memory terminations, RF and microwave transmit and receive line terminations.
Mil-Screened High Frequency
Chip Resistors
Wraparound termination with
non-leaching Nickel barrier
Ultra stable
Tantalum Nitride
resistor film
system
PFC HF MIL Series


Similar Part No. - PFC-W0805HF-06-75R0-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0805HF-01-50R0-F IRCTT-PFC-W0805HF-01-50R0-F Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
PFC-W0805HF-01-50R0-G IRCTT-PFC-W0805HF-01-50R0-G Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
PFC-W0805HF-01-50R0-J IRCTT-PFC-W0805HF-01-50R0-J Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
PFC-W0805HF-01-50R0-K IRCTT-PFC-W0805HF-01-50R0-K Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
PFC-W0805HF-01-75R0-F IRCTT-PFC-W0805HF-01-75R0-F Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
More results

Similar Description - PFC-W0805HF-06-75R0-F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM4001ST IRF-OM4001ST_15 Datasheet
32Kb / 2P
   Available Screened To MIL-S-19500, TX, TXV And S Levels
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
   Screened Room Filters
FC2-FC4 PREMO-FC2-FC4 Datasheet
138Kb / 1P
   Screened Room Filters
logo
Cynergy3 Co
FRD32061 CYNERGY3-FRD32061 Datasheet
575Kb / 2P
   FRD30000 fully screened
FRS12030 CYNERGY3-FRS12030 Datasheet
599Kb / 2P
   FRS12000 miniature screened
FRD12000 CYNERGY3-FRD12000 Datasheet
684Kb / 2P
   screened 8kV, 6A
SAR412SD CYNERGY3-SAR412SD Datasheet
636Kb / 2P
   miniature screened, open frame
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
   RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
logo
Cynergy3 Co
FRD13000 CYNERGY3-FRD13000 Datasheet
585Kb / 2P
   fully screened 9kV, 6A
logo
List of Unclassifed Man...
KTW61 ETC-KTW61 Datasheet
217Kb / 2P
   VARIABLE - MU SCREENED TETRODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com