Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9228IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9228IRZ
Description  Dual Input Li-ion/Li-Polymer Battery Charger With Battery Removal Detection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9228IRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL9228IRZ Datasheet HTML 3Page - Intersil Corporation ISL9228IRZ Datasheet HTML 4Page - Intersil Corporation ISL9228IRZ Datasheet HTML 5Page - Intersil Corporation ISL9228IRZ Datasheet HTML 6Page - Intersil Corporation ISL9228IRZ Datasheet HTML 7Page - Intersil Corporation ISL9228IRZ Datasheet HTML 8Page - Intersil Corporation ISL9228IRZ Datasheet HTML 9Page - Intersil Corporation ISL9228IRZ Datasheet HTML 10Page - Intersil Corporation ISL9228IRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN6687.0
February 13, 2009
Functional Pin Description
CRDL (Pin 1)
Cradle input. This pin is usually connected to a cradle power
input. The maximum input voltage is 28V. The charge
current from this pin is programmable with the ICDL pin up to
1A. When this pin is connected to a power source, no charge
current is drawn from the USB pin. A 1µF or larger value
ceramic capacitor is recommended for decoupling.
USB (Pin 2)
USB input. This pin is usually connected to a USB port
power connector. Other sources that are also acceptable.
The charge current from the USB pin is fixed at typically
380mA. A 1µF or larger value ceramic capacitor is
recommended for decoupling. It is also recommended to
have a 1
Ω resistor in series with the decoupling capacitor to
prevent an over-shoot voltage when a USB cable is plugged
in.
PPR (Pin 3)
Power presence indication. An open-drain output pin which
turns ON when either the USB input voltage or the CRDL
input voltage is within the power good range (refer to the
Description section for definition of power good condition),
regardless if the charger is enabled or disabled. Otherwise
turns OFF. This pin provides a wake-up signal to a
microprocessor when either the cradle or the USB power is
connected.
CHG (Pin 4)
Charge indication pin. An open-drain output which turns ON
when the charge current is above programmable threshold.
Otherwise turns OFF.
EN (Pin 5)
Enable logic input. Connect to LOW or leave floating to
enable the charger.
IMIN (Pin 6)
IMIN is the programmable input for the end-of-charge
current. IMIN is calculated by Equation 1:
Where RIMIN is in kΩ. IMIN is applicable for both cradle and
USB charging.
VF (Pin 7)
VF is an input pin for the battery ID resistor connection. This
pin has an internal 1000k
Ω pull-up resistor. Thus a typical
20k
Ω ID resistor will pull this pin to logic low state, indicating
a valid battery connection. If the battery is removed, the VF
pin will be pulled to a logic high state by the internal resistor,
the charger will be disabled as a result, regardless of the
status of the EN pin. The maximum ID resistor is 100k
Ω.
GND (Pin 8)
System ground.
ICDL (Pin 9)
The ICDL pin has two functions. The first function is to
program the cradle charge current during the constant-
current mode. The voltage of this pin is 1.22V during the
constant-current mode of the cradle charger. The constant-
current mode current is programmed by Equation 2:
FIGURE 9. CRADLE INPUT QUIESCENT CURRENT vs INPUT
VOLTAGE
FIGURE 10. USB INPUT QUIESCENT CURRENT vs INPUT
VOLTAGE
Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = +25°C,
RICDL = 12.4kΩ, RIMIN = 10.0kΩ, VBAT = 3.7V unless Otherwise Noted. (Continued)
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
TEMPERATURE (°C)
DISABLED
ENABLED
IOUT = 0mA
DISABLED
ENABLED
IOUT = 0mA
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
TEMPERATURE (°C)
DISABLED
ENABLED
IOUT = 0mA
DISABLED
ENABLED
IOUT = 0mA
I
MIN
550
R
IMIN
----------------
mA
()
=
(EQ. 1)
I
CDL
6820
R
ICDL
-----------------
mA
()
=
(EQ. 2)
ISL9228


Similar Part No. - ISL9228IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9228IRZ RENESAS-ISL9228IRZ Datasheet
527Kb / 11P
   Dual Input Li-ion/Li-Polymer Battery Charger With Battery Removal Detection
ISL9228IRZ-T RENESAS-ISL9228IRZ-T Datasheet
527Kb / 11P
   Dual Input Li-ion/Li-Polymer Battery Charger With Battery Removal Detection
More results

Similar Description - ISL9228IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9228 RENESAS-ISL9228 Datasheet
527Kb / 11P
   Dual Input Li-ion/Li-Polymer Battery Charger With Battery Removal Detection
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com