Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC-W1206HF-07-75R0-F Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # PFC-W1206HF-07-75R0-F
Description  Mil-Screened High Frequency Mil-Screened High Frequency
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-W1206HF-07-75R0-F Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  PFC-W1206HF-07-75R0-F Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-W1206HF-07-75R0-F Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-W1206HF-07-75R0-F Datasheet HTML 3Page - IRC - a TT electronics Company. PFC-W1206HF-07-75R0-F Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PFC HF MIL Series Issue January 2009 Sheet 2 of 4
Frequency
Return Loss Data (S11, S22)
W0603HF Frequency Performance
W0805HF Frequency Performance
Frequency
W1206HF Frequency Performance
Frequency
Mil-Screened High Frequency
Chip Resistors


Similar Part No. - PFC-W1206HF-07-75R0-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W1206HF-01-50R0-F IRCTT-PFC-W1206HF-01-50R0-F Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
PFC-W1206HF-01-50R0-G IRCTT-PFC-W1206HF-01-50R0-G Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
PFC-W1206HF-01-50R0-J IRCTT-PFC-W1206HF-01-50R0-J Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
PFC-W1206HF-01-50R0-K IRCTT-PFC-W1206HF-01-50R0-K Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
PFC-W1206HF-01-75R0-F IRCTT-PFC-W1206HF-01-75R0-F Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
More results

Similar Description - PFC-W1206HF-07-75R0-F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM4001ST IRF-OM4001ST_15 Datasheet
32Kb / 2P
   Available Screened To MIL-S-19500, TX, TXV And S Levels
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
   Screened Room Filters
FC2-FC4 PREMO-FC2-FC4 Datasheet
138Kb / 1P
   Screened Room Filters
logo
Cynergy3 Co
FRD32061 CYNERGY3-FRD32061 Datasheet
575Kb / 2P
   FRD30000 fully screened
FRS12030 CYNERGY3-FRS12030 Datasheet
599Kb / 2P
   FRS12000 miniature screened
FRD12000 CYNERGY3-FRD12000 Datasheet
684Kb / 2P
   screened 8kV, 6A
SAR412SD CYNERGY3-SAR412SD Datasheet
636Kb / 2P
   miniature screened, open frame
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
   RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
logo
Cynergy3 Co
FRD13000 CYNERGY3-FRD13000 Datasheet
585Kb / 2P
   fully screened 9kV, 6A
logo
List of Unclassifed Man...
KTW61 ETC-KTW61 Datasheet
217Kb / 2P
   VARIABLE - MU SCREENED TETRODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com