Electronic Components Datasheet Search |
|
RC-RC55LFB6K8FA Datasheet(PDF) 1 Page - IRC - a TT electronics Company. |
|
RC-RC55LFB6K8FA Datasheet(HTML) 1 Page - IRC - a TT electronics Company. |
1 / 3 page General Note IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC’s own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc • 4222 South Staples Street • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com RC Series Issue December 2008 Sheet 1 of 3 Standard Values E24, E96 Preferred Any value to order Thermal Impedance °C/Watt 110 70 60 Ambient Temperature Range °C -55 to +155 RC Series • Resistance tolerance down to ±0.05% • Low noise and negligible voltage coefficient • CECC released product with low TCRs over a wide resistance range • 100% tin plated (Pb-free, RoHS compliant) leads Electrical Data RC55 RC65 RC70 Notes Commercial Power Rating At 70°C Watts 0.25 0.5 1.0 Resistance Range Ohms 1R to 4M 1R to 4M 1R to 10M Limiting Element Voltage Volts 350 350 500 Isolation Voltage Volts 500 500 700 TCR (20 to +70°C) & codes ppm/°C 5(V), 10(T), 15(Y), 25(D), 50(C) & 100(Z) See resistance restrictions Resistance Tolerance % 0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1 (F) Approved CECC 40101-004 H J K K L Power Rating At 70°C Watts 0.063 0.125 0.25 0.25 0.5 Resistance Range Ohms 1R to 1M 1R to 1M 1R to 1M 10R to 1M 10R to 1M Limiting Element Voltage Volts 200 200 250 250 350 Isolation Voltage Volts 280 280 350 350 500 TCR & Codes ppm/°C 15(Y), 25(D), 50(C) & 100(Z) See resistance restrictions Resistance Tolerance (code) % 0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1(F) Approved CECC 40101-804 A B B C Power Rating At 70°C Watts 0.125 0.25 0.25 0.5 Resistance Range Ohms 1R to 1M 1R to 1M 10R to 1M 10R to 1M Limiting Element Voltage Volts 200 250 250 350 Isolation Voltage Volts 280 350 350 500 TCR & Codes ppm/°C 15(T), 25(E) & 50(C) See resistance restrictions Resistance Tolerance (code) % 0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1(F) Precision Metal Film Resistor |
Similar Part No. - RC-RC55LFB6K8FA |
|
Similar Description - RC-RC55LFB6K8FA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |