Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29023IROZ-EVALZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL29023IROZ-EVALZ
Description  Integrated Digital Ambient Light Sensor with Interrupt Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29023IROZ-EVALZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL29023IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6691.0
March 3, 2009
Register Set
There are eight registers that are available in the ISL29023. Table 1 summarizes their functions.
Command Register I 00(hex)
The first command register has the following functions:
1. Operation Mode: Bits 7, 6, and 5. These three bits
determine the operation mode of the device.
FIGURE 1. I2C READ TIMING DIAGRAM SAMPLE
START
W A
A
A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A
A6 A5 A4 A3 A2 A1 A0 W A
A
A
A D7D6 D5 D4 D3 D2D1 D0
13
5
7
13
57
12 3
4 5
6
9
2
4
6
STOP START
SDA DRIVEN BY MASTER
DEVICE ADDRESS
SDA DRIVEN BY ISL29023
DATA BYTE0
REGISTER ADDRESS
OUT
DEVICE ADDRESS
I2C DATA
SDA DRIVEN BY MASTER
SDA DRIVEN BY MASTER
24
68 92
4
6
8 9
78
1
3
5
7
8
9
I2C SDA
I2C SDA
I2C CLK
IN
FIGURE 2. I2C WRITE TIMING DIAGRAM SAMPLE
START
W
A
A
A6 A5 A4 A3 A2 A1 A0 W
A R7 R6 R5 R4 R3 R2 R1 R0 A B7 B6 B5 B4 B3 B2 B1 B0
A
A
1
2
615
948
STOP
SDA DRIVEN BY MASTER
FUNCTIONS
REGISTER ADDRESS
DEVICE ADDRESS
SDA DRIVEN BY MASTER
SDA DRIVEN BY MASTER
I2C DATA
I2C SDA IN
I2C SDA OUT
I2C CLK IN
AA
34
5
7
8
9
2
3
4
6
7
8
1
2
3
5
67
9
A
TABLE 1. REGISTER SET
ADDR
REG NAME
BIT
7
6
5
4
3
2
1
0
DEFAULT
00h
COMMANDI
OP2
OP1
OP0
0
0
FLAG
PRST1
PRST0
00h
01h
COMMANDII
0
0
0
0
RES1
RES0
RANGE1
RANGE0
00h
02h
DATALSB
D7
D6
D5
D4
D3
D2
D1
D0
00h
03h
DATAMSB
D15
D14
D13
D12
D11
D10
D9
D8
00h
04h
INT_LT_LSB
TL7
TL6
TL5
TL4
TL3
TL2
TL1
TL0
00h
05h
INT_LT_MSB
TL15
TL14
TL13
TL12
TL11
TL10
TL9
TL8
00h
06h
INT_HT_LSB
TH7
TH6
TH5
TH4
TH3
TH2
TH1
TH0
FFh
07h
INT_HT_MSB
TH15
TH14
TH13
TH12
TH11
TH10
TH9
TH8
FFh
TABLE 2. OPERATION MODE
BITS 7 TO 5
OPERATION
000
Power-down the device
001
ALS once
010
IR once
100
Reserved (Do not use)
101
ALS continuous
110
IR continuous
111
Reserved (Do not use)
ISL29023


Similar Part No. - ISL29023IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29023IROZ-EVALZ INTERSIL-ISL29023IROZ-EVALZ Datasheet
623Kb / 14P
   Integrated Digital Light Sensor with Interrupt
May 1, 2014
logo
Renesas Technology Corp
ISL29023IROZ-EVALZ RENESAS-ISL29023IROZ-EVALZ Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
More results

Similar Description - ISL29023IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com