Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GUS-QS009-02-1002-G Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # GUS-QS009-02-1002-G
Description  R-2R Ladder Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUS-QS009-02-1002-G Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  GUS-QS009-02-1002-G Datasheet HTML 1Page - IRC - a TT electronics Company. GUS-QS009-02-1002-G Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
R-2R Series Issue January 2009 Sheet 1 of 2
R-2R Series
±2% Absolute tolerance
Ladder accuracy +/- 1 LSB
8 and 10 bit R-2R Schematic
QSOP Package - Small Footprint
Standard Sn/Pb and Pb-free terminations available
Electrical Data
Resistance Value
(ohms)
Absolute
Tolerance
(%)
Ratio
Tolerance
Absolute TCR
(ppm/°C)
TCR Tracking
(ppm/°C)
Operating
Temperature Range
(°C)
10K/20K and 25K/50K
±2%
±1 LSB
±25, ±50, ±100
±5
-55 to +125
R-2R Ladder Network
Schematic Data
1
2
3
4
5
6
7
8
13
14
15
16
17
18
19
20
2R
10
9
12
11
R
2R
2R
R
R
R
R
R
R
2R
2R
2R
2R
2R
2R
2R
2R
R
R
1
2
3
4
5
6
7
8
13
14
15
16
2R
10
9
12
11
R
2R
2R
R
R
R
R
R
R
2R
2R
2R
2R
2R
2R
QS009 20-Pin,10 bit, R-2R Schematic
QS014 16-Pin,8 bit, R-2R Schematic


Similar Part No. - GUS-QS009-02-1002-G

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-QS001-01-56R0-J IRCTT-GUS-QS001-01-56R0-J Datasheet
170Kb / 1P
   TaNSil0 0.025 Lead Pitch High Frequency Resistor Network
GUS-QS001-01-56R0-K IRCTT-GUS-QS001-01-56R0-K Datasheet
170Kb / 1P
   TaNSil0 0.025 Lead Pitch High Frequency Resistor Network
GUS-QS001-01-56R0-M IRCTT-GUS-QS001-01-56R0-M Datasheet
170Kb / 1P
   TaNSil0 0.025 Lead Pitch High Frequency Resistor Network
GUS-QS001-02-56R0-J IRCTT-GUS-QS001-02-56R0-J Datasheet
170Kb / 1P
   TaNSil0 0.025 Lead Pitch High Frequency Resistor Network
GUS-QS001-02-56R0-K IRCTT-GUS-QS001-02-56R0-K Datasheet
170Kb / 1P
   TaNSil0 0.025 Lead Pitch High Frequency Resistor Network
More results

Similar Description - GUS-QS009-02-1002-G

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BCN31L BITECH-BCN31L Datasheet
166Kb / 3P
   R/2R Ladder Network
628L BITECH-628L_12 Datasheet
135Kb / 4P
   R/2R Ladder
logo
Bourns Electronic Solut...
4116R-R2R-503 BOURNS-4116R-R2R-503 Datasheet
60Kb / 1P
   R/2R Ladder Networks
logo
List of Unclassifed Man...
6BIT103G ETC1-6BIT103G Datasheet
39Kb / 1P
   R/2R RESISTOR LADDER NETWORKS
logo
Welwyn Components Limit...
628L WELWYN-628L Datasheet
181Kb / 4P
   R/2R Ladder Thick Film DIP Surface Mount
logo
Bi technologies
BCN31 BITECH-BCN31 Datasheet
67Kb / 4P
   R/2R Ladder Network 8 Bit, 2512 Size Thick Film Leadless Chip Packages
logo
Vishay Siliconix
T16L08 VISHAY-T16L08 Datasheet
108Kb / 2P
   Dual-In-Line, 8 Bit R/2R Ladder Networks
Revision: 01-Aug-05
logo
List of Unclassifed Man...
898-81-R10K ETC1-898-81-R10K Datasheet
53Kb / 3P
   R/2R Ladder Dual-In-Line Thick Film Resistor Networks
logo
Bi technologies
628L BITECH-628L Datasheet
56Kb / 4P
   R/2R Ladder .220??Small Outline Thick Film DIP Surface Mount Resistor Networks
logo
Bourns Electronic Solut...
4816P-R2R-103 BOURNS-4816P-R2R-103 Datasheet
383Kb / 1P
   R/2R Series Thick Film Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com