Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9211A Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9211A
Description  Charging System Safety Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9211A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9211A Datasheet HTML 4Page - Intersil Corporation ISL9211A Datasheet HTML 5Page - Intersil Corporation ISL9211A Datasheet HTML 6Page - Intersil Corporation ISL9211A Datasheet HTML 7Page - Intersil Corporation ISL9211A Datasheet HTML 8Page - Intersil Corporation ISL9211A Datasheet HTML 9Page - Intersil Corporation ISL9211A Datasheet HTML 10Page - Intersil Corporation ISL9211A Datasheet HTML 11Page - Intersil Corporation ISL9211A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL9211A
8
FN6702.1
August 25, 2010
Theory of Operation
The ISL9211A is an integrated circuit (IC) optimized to
provide a redundant safety protection to a Li-ion battery
from charging system failures. The IC monitors the input
voltage, the battery voltage, and the charge current.
When any of the above three parameters exceeds its
limit, the IC turns off an internal N-channel MOSFET to
remove the power from the charging system. In addition
to the above protected parameters, the IC also monitors
its own internal temperature and turns off the N-channel
MOSFET when the temperature exceeds +150°C.
Together with the battery charger IC and the protection
module in a battery pack, the charging system has
triple-level protection from overcharging the Li-ion
battery and is two-fault tolerant. The ISL9211A protects
up to 26V input voltage.
Power-Up
The ISL9211A has a power-on reset (POR) threshold of
2.47V (max). Before the input voltage reaches the POR
threshold, the internal power NFET is off. Approximately
10ms after the input voltage exceeds the POR threshold,
the IC resets itself and begins the soft-start. The 10ms
delay allows any transients at the input during a hot
insertion of the power supply to settle down before the IC
starts to operate. The soft-start slowly turns on the
power NFET to reduce the inrush current as well as the
input voltage drop during the transition. The power-up
sequence is illustrated in Figure 1.
Input Overvoltage Protection (OVP)
The input voltage is monitored by the comparator CP1 in
the “Block Diagram” on page 2. CP1 has an accurate
reference of 1.2V from the bandgap reference. The OVP
threshold is set by the resistive divider consisting of R1
and R2. When the input voltage exceeds the threshold,
the CP1 outputs a logic signal to turn off the power NFET
within 1µs (see Figure 2) to prevent the high input
voltage from damaging the electronics in the handheld
system. The hysteresis for the input OVP threshold is
given in the “Electrical Specifications” table on page 4.
When the input overvoltage condition is removed, the
ISL9211A re-enables the output by running through the
soft-start, as shown in Figure 4. Because of the 10ms
second delay before the soft-start, the output is never
enabled if the input rises above the OVP threshold
quickly, as shown in Figure 5.
Battery Overvoltage Protection
The battery voltage OVP is realized with the VB pin. The
comparator CP3, as shown in the “Block Diagram” on
page 2, monitors the VB pin and issues an overvoltage
signal when the battery voltage exceeds the 4.34V
battery OVP threshold. The threshold has 30mV built-in
hysteresis. The comparator CP3 has a built-in 180µs
blanking time to prevent any transient voltage from
triggering the OVP. If the OVP situation still exists after
the blanking time, the power NFET is turned off. The
control logic contains a 4-bit binary counter that if the
battery overvoltage event occurs 16 times, the power
NFET is turned off permanently, as shown in Figure 6.
Recycling the input power will reset the counter and
restart the ISL9211A.
The resistor between the VB pin and the battery, RVB, as
shown in the “Typical Application Circuit” on page 1, is an
important component. This resistor provides a current
limit in case the VB pin is shorted to the input voltage
under a failure mode. The VB pin leakage current under
normal operation is negligible to allow a resistance of
200kΩ to 1MΩ be used.
Overcurrent Protection (OCP)
The current in the power NFET is limited to prevent
charging the battery with an excessive current. The
current is sensed using the voltage drop across the
power FET after the it is turned on. The reference of the
OCP is generated using a sensing FET Q2 (Mirror to Q1),
as shown in the “Block Diagram” on page 2. The current
FIGURE 13. ON-RESISTANCE vs TEMPERATURE AT DIFFERENT INPUT VOLTAGES
Typical Operating Performance The test conditions for the Typical Operating Performance are:
VIN = 5V, TA = +25°C, RILIM = 24.9kΩ, RVB = 200kΩ, Unless Otherwise Noted. (Continued)
0
50
100
150
200
250
300
350
-50 -30 -10
10
30
50
70
90 110 130
TEMPERATURE (°C)
4.3V
5.0V
3.0V


Similar Part No. - ISL9211A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
ISL9211AIRU48EVZ RENESAS-ISL9211AIRU48EVZ Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9211AIRU48XZ-T INTERSIL-ISL9211AIRU48XZ-T Datasheet
385Kb / 12P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211AIRU48XZ-T RENESAS-ISL9211AIRU48XZ-T Datasheet
624Kb / 13P
   Charging System Safety Circuit
More results

Similar Description - ISL9211A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com