Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9211A Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9211A
Description  Charging System Safety Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9211A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9211A Datasheet HTML 4Page - Intersil Corporation ISL9211A Datasheet HTML 5Page - Intersil Corporation ISL9211A Datasheet HTML 6Page - Intersil Corporation ISL9211A Datasheet HTML 7Page - Intersil Corporation ISL9211A Datasheet HTML 8Page - Intersil Corporation ISL9211A Datasheet HTML 9Page - Intersil Corporation ISL9211A Datasheet HTML 10Page - Intersil Corporation ISL9211A Datasheet HTML 11Page - Intersil Corporation ISL9211A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ISL9211A
9
FN6702.1
August 25, 2010
in the sensing FET is forced to match the value
programmed by ILIM pin. The OCP threshold can be set
with the resistor RLIM as shown in Table 2.
The size of the power FET Q1 is 31,250 times the size of
the sensing FET. Therefore, when the current in the
power FET is 31,250 times the current in the sensing FET,
the drain voltage of the power FET falls below that of the
sensing FET. The comparator CP2 then outputs a signal
to turn off the power FET. where the 0.8V is the regulated
reference voltage at the ILIM pin. The OCP comparator
CP2 has a built-in 180µs delay to prevent false triggering
by transient signals. The OCP function also has a 4-bit
binary counter that accumulates during an OCP event.
When the total count reaches 16, the power NFET is
turned off permanently until the input power is recycled
or the enable pin is toggled. Figures 7 and 8 illustrate the
waveforms during the power-up when the output is
shorted to ground.
Internal Over-Temperature Protection
The ISL9211A monitors its own internal temperature to
prevent thermal failures. When the internal temperature
reaches +150°C, the IC turns off the N-channel power
MOSFET. The IC does not resume operation until the
internal temperature drops below +110°C.
Fault Indication Output
The FAULT pin is an open-drain output that indicates a
LOW signal when any of the three fault events happens.
This provides a signal to the microprocessor to take
further action to enhance the safety of the charging
system.
Applications Information
The ISL9211A is designed to meet the “Lithium-Safe”
criteria when operating together with a qualified Li-ion
battery charger. The “Lithium-Safe” criteria requires the
charger output to fall within the green region shown in
Figure 14 under normal operating conditions and NOT to
fall in the red region when there is a single fault in the
charging system. Taking into account the safety circuit in
a Li-ion battery pack, the charging system is allowed to
have two faults without creating hazardous conditions for
the battery cell. The output of the Li-ion charger, such as
the ISL6292C, has a typical I-V curve shown with the
blue lines under normal operation, which is within the
green region. The function of the ISL9211A is to add a
redundant protection layer such that, under any single
fault condition, the charging system output does not
exceed the I-V limits shown with the red lines. As a
result, the charging system adopting the ISL9211A and
the ISL6292C chip set can easily pass the “Lithium-Safe”
criteria test procedures.
The ISL9211A is a simple device that requires only three
external components, in addition to the ISL6292 charger
circuit, to meet the “Lithium-Safe” criteria, as shown in
the “Typical Application Circuit” on page 1. The selection
of the current limit resistor RILIM is given in “Overcurrent
Protection (OCP)” on page 8.
RVB Selection
The RVB prevents a large current from the VB pin to the
battery terminal, in case the ISL9211A fails. The
recommended value should be between 200kΩ to 1MΩ.
With 200kΩ resistance, the worst case current flowing
from the VB pin to the charger output is shown in
Equation 1, assuming the VB pin voltage is 24V under a
failure mode and the battery voltage is 4.2V.
Such a small current can be easily absorbed by the bias
current of other components in the handheld system.
Increasing the RVB value reduces the worst case current,
but at the same time increases the error for the 4.34V
battery OVP threshold.
The error of the battery OVP threshold is the original
accuracy at the VB pin given in the “Electrical
Specifications” table on page 4 plus the voltage built
across the RVB by the VB pin leakage current. The VB pin
leakage current is less than 20nA, as given in the
“Electrical Specifications” table on page 4. With the
200kΩ resistor, the worst-case additional error is 4mV
and with a 1MΩ resistor, the worst-case additional error
is 20mV.
TABLE 2.
RLIM
(kΩ)
OCP
(mA)
RLIM
(kΩ)
OCP
(mA)
82.5
300
21
1200
61.9
400
19.1
1300
49.9
500
16.5
1400
41.2
600
15.4
1500
35.7
700
14
1600
31.6
800
12.4
1700
28
900
11.3
1800
24.9
1000
10.5
1900
22.6
1100
9.53
2000
24V 4.2V
() 200kΩ
()
99
μA
=
(EQ. 1)
FIGURE 14. LITHIUM-SAFE OPERATING REGIONS
5
0
1000
BATTERY VOLTAGE (V)
13
4
ISL9211A
LIMITS
ISL6292C
LIMITS
6
2


Similar Part No. - ISL9211A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
ISL9211AIRU48EVZ RENESAS-ISL9211AIRU48EVZ Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9211AIRU48XZ-T INTERSIL-ISL9211AIRU48XZ-T Datasheet
385Kb / 12P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211AIRU48XZ-T RENESAS-ISL9211AIRU48XZ-T Datasheet
624Kb / 13P
   Charging System Safety Circuit
More results

Similar Description - ISL9211A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com