Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

x7AH-01K900 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # x7AH-01K900
Description  NON-ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

x7AH-01K900 Datasheet(HTML) 8 Page - Bel Fuse Inc.

  x7AH-01K900 Datasheet HTML 1Page - Bel Fuse Inc. x7AH-01K900 Datasheet HTML 2Page - Bel Fuse Inc. x7AH-01K900 Datasheet HTML 3Page - Bel Fuse Inc. x7AH-01K900 Datasheet HTML 4Page - Bel Fuse Inc. x7AH-01K900 Datasheet HTML 5Page - Bel Fuse Inc. x7AH-01K900 Datasheet HTML 6Page - Bel Fuse Inc. x7AH-01K900 Datasheet HTML 7Page - Bel Fuse Inc. x7AH-01K900 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
©2007 Bel Fuse Inc. Specifications subject to change without notice. 010907
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel
852-2328-5515
Tel
44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
9.0 Vdc - 18 Vdc Input
5 Vdc - 12 Vdc/1A Output
Mechanical Outline
SRAH-01Kxxx
VRAH-01Kxxx
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and
other hazardous substances from electronic products.
These parts are not however
compatible with the higher temperatures associated with lead free solder processes and
must be soldered using a reflow profile with a peak temperature of no more than 240 °C.
bel
Pin Connections
Pin
Function
1
On/Off
2
Vin
3
Ground
4
Vout
5
N/A
6
N/A
7
N/A
Pin Connections
Pin
Function
1
On/OFF
2
Vin
3
Ground
4
Vout
5
N/A
bel
bel


Similar Part No. - x7AH-01K900

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-01K BEL-X7AH-01K Datasheet
97Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 9.0V-18V Input 5V/1A & 9V/1A & 12V/1A Output
More results

Similar Description - x7AH-01K900

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com