Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6745AAUZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6745AAUZ
Description  Improved Bridge Controller with Precision Dead Time Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6745AAUZ Datasheet(HTML) 8 Page - Intersil Corporation

  ISL6745AAUZ Datasheet HTML 1Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 2Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 3Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 4Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 5Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 6Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 7Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 8Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN6703.1
September 11, 2008
variation in dV with RTD (Figure 5), and in charge current
(Figure 4), results from Equation 2 would differ from the
calculated frequency. The typical performance curves may
be used as a tool along with the previous equations as a
more accurate tool to estimate the operating frequency more
accurately.
The maximum duty cycle, D, and deadtime, DT, can be
calculated from:
Soft-Start Operation
The ISL6745A features a soft-start using an external
capacitor in conjunction with an internal current source.
Soft-start reduces stresses and surge currents during
start-up.
The oscillator capacitor signal, CT, is compared to the
soft-start voltage, SS, in the SS comparator which drives the
PWM latch. While the SS voltage is less than 3.5V, duty
cycle is limited. The output pulse width increases as the
soft-start capacitor voltage increases up to 3.5V. This has
the effect of increasing the duty cycle from zero to the
maximum pulse width during the soft-start period. When the
soft-start voltage exceeds 3.5V, soft-start is completed.
Soft-start occurs during start-up and after recovery from an
overcurrent shutdown. The soft-start voltage is clamped to 4V.
Gate Drive
The ISL6745A is capable of sourcing and sinking 1A peak
current, and may also be used in conjunction with a
MOSFET driver such as the ISL6700 for level shifting. To
limit the peak current through the IC, an external resistor
may be placed between the totem-pole output of the IC
(OUTA or OUTB pin) and the gate of the MOSFET. This
small series resistor also damps any oscillations caused by
the resonant tank of the parasitic inductances in the traces of
the board and the FET’s input capacitance.
Overcurrent Operation
Overcurrent delayed shutdown is enabled once the soft-start
cycle is complete. If an overcurrent condition is detected, the
soft-start charging current source is disabled and the
soft-start capacitor is allowed to discharge through a 15µA
source. At the same time a 50µs retriggerable one-shot timer
is activated. It remains active for 50µs after the overcurrent
condition ceases. If the soft-start capacitor discharges to
3.9V, the output is disabled. This state continues until the
soft-start voltage reaches 270mV, at which time a new
soft-start cycle is initiated. If the overcurrent condition stops
at least 50µs prior to the soft-start voltage reaching 3.9V, the
soft-start charging currents revert to normal operation and
the soft-start voltage is allowed to recover.
Thermal Protection
An internal temperature sensor protects the device should
the junction temperature exceed +145°C. There is
approximately +15°C of hysteresis.
Ground Plane Requirements
Careful layout is essential for satisfactory operation of the
device. A good ground plane must be employed. VDD should
be bypassed directly to GND with good high frequency
capacitance.
DT
C TOSC
=
(EQ. 5)
DT
1
D
() T
OSC
=
s(EQ. 6)
ISL6745A


Similar Part No. - ISL6745AAUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Renesas Technology Corp
ISL6745AAUZ RENESAS-ISL6745AAUZ Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
More results

Similar Description - ISL6745AAUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Renesas Technology Corp
ISL6745A RENESAS-ISL6745A Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Monolithic Power System...
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001L MPS-HR1001L Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com