Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAH-01KX2N Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRAH-01KX2N
Description  NON-ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-01KX2N Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRAH-01KX2N Datasheet HTML 1Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 2Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 3Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 4Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 5Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 6Page - Bel Fuse Inc. SRAH-01KX2N Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
9.0 Vdc - 18 Vdc Input
-12 Vdc/1 A -15 Vdc/0.8 A Output
Non-Isolated
Low Profile Package
High Efficiency
Fixed Frequency (400 kHz)
Remote On/Off
Active Low
Description
The Bel xRAH-01KXxN is part of the low cost non-isolated dc/dc converter series. The modules use a SMD or SIP
package for ease of layout and space savings. The output is closely regulated and the efficiency is typically 87%
at full load.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
-12 Vdc
9 Vdc - 18 Vdc
1.0 A
12 W
87%
SRAH-01KX2N
VRAH-01KX2N
-15 Vdc
9 Vdc - 18 Vdc
0.8 A
12 W
87%
SRAH-01KX5N
VRAH-01KX5N
Notes: 1. Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
20 V
Remote On/Off (Active Low)
-0.3 V
-
20 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
9 V
-
18 V
Input Current (no load)
-
40 mA
55 mA
Input Current (full load)
-
-
1.6 A
Remoted Off Input Current
-
18 mA
25 mA
Input Reflected Ripple Current
(pk-pk)
-
95 mA
130 mA
Input Reflected Ripple Current
(rms)
-
30 mA
40 mA
With simulated source impedance
of 500 nH, 5 Hz to 20 MHz; Use one
100 uF/25 V tantalum capacitor and
one 470 uF/35 V electrolytic
capacitor at the input.
I
2t Inrush Current Transient
-
0.003 A
2s
0.01 A
2s
Turn-on Voltage Threshold
8.0 V
8.5 V
8.8 V
Turn-off Voltage Threshold
7.2 V
7.6 V
8.2 V
Note: All specifications are typical at 25
°C unless otherwise stated.
xRAH-01KXxN Series
RoHS Compliant
Rev.A


Similar Part No. - SRAH-01KX2N

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-01KX2N BEL-SRAH-01KX2N Datasheet
160Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-01KX2N

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com