Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2X014FLXIT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2X014FLXIT
Description  6-Pin Ceramic LCC SMD - Tape and Reel
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X014FLXIT Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY2X014FLXIT Datasheet HTML 1Page - Cypress Semiconductor CY2X014FLXIT Datasheet HTML 2Page - Cypress Semiconductor CY2X014FLXIT Datasheet HTML 3Page - Cypress Semiconductor CY2X014FLXIT Datasheet HTML 4Page - Cypress Semiconductor CY2X014FLXIT Datasheet HTML 5Page - Cypress Semiconductor CY2X014FLXIT Datasheet HTML 6Page - Cypress Semiconductor CY2X014FLXIT Datasheet HTML 7Page - Cypress Semiconductor CY2X014FLXIT Datasheet HTML 8Page - Cypress Semiconductor CY2X014FLXIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY2X014
Document Number: 001-10179 Rev. *D
Page 8 of 9
Document History Page
Document Title: CY2X014 Low Jitter LVPECL Crystal Oscillator
Document Number: 001-10179
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
504478
RGL
See ECN
New data sheet
*A
1428603
JWK/SFV
See ECM
Removed pull up on pin 1 and related specifications, Added items to Programming
Variables section, Added CIN specification, Modified tJ2, IIH, IIL, IDD and ISB specifi-
cations, Changed to a single Frequency Stability specification, Removed
Peak-to-peak Period Jitter specification, Changed pin 2 from NC to DNU, Changed
max storage temperature, Title change, 2.5V supply tightened from ±10% to ±5%,
2.5V termination option changed from VDD-1.4V to VDD-1.5V, Added typical output
characteristic curves
*B
2669117 KVM/AESA
03/05/09
Revised frequency stability and aging specs and conditions, Max frequency changed
from 700 MHz to 690 MHz, Duty cycle changed from 45/55 to 40/60 for freq > 450
MHz, Removed reference to CY3672 programmer, Junction and storage tempera-
tures changed from 125 to 135°C, IIH changed from 20
μA to 115μA, IIL changed from
20
μA to 50μA, Rise and fall times changed from 350 ps to 500 ps, Removed MSL
spec, Changed Data Sheet Status to Final.
*C
2701663 KVM/PYRS
05/06/09
General clean up
Added explanation of gaps in the frequency range
Added URL for software
Removed frequency stability paragraph under Programming Variables
Added programming variables table
Added separate IDD spec for 2.5V supply
Changed the amount of load current in IDD footnote
Changed phase jitter parameter name
Removed supply voltage as a programming variable
Changed conditions for ESD spec
Changed rise & fall times from 500 ps to 400 ps typ, added min and max
*D
2718433
WWZ/HMT
06/12/09
No change. Submit to ECN for product launch.
[+] Feedback


Similar Part No. - CY2X014FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014FLXIT CYPRESS-CY2X014FLXIT_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
More results

Similar Description - CY2X014FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32FLXCT CYPRESS-CY2XF32FLXCT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF33FLXCT CYPRESS-CY2XF33FLXCT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X013FLXCT CYPRESS-CY2X013FLXCT Datasheet
260Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF23FLXCT CYPRESS-CY2XF23FLXCT Datasheet
300Kb / 11P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF24FLXCT CYPRESS-CY2XF24FLXCT Datasheet
308Kb / 12P
   6-Pin Ceramic LCC SMD - Tape and Reel
logo
Anaren Microwave
1D1304-3 ANAREN-1D1304-3 Datasheet
343Kb / 2P
   Tape And Reel
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
   Tape and Reel
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
   Tape and Reel
logo
Vishay Siliconix
84068 VISHAY-84068 Datasheet
374Kb / 5P
   Tape and Reel Standards
Rev. 7, 07-Jan-03
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com