Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XP21ZXCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2XP21ZXCT
Description  125 MHz LVPECL Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP21ZXCT Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2XP21ZXCT Datasheet HTML 1Page - Cypress Semiconductor CY2XP21ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY2XP21ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY2XP21ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY2XP21ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY2XP21ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY2XP21ZXCT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRELIMINARY
CY2XP21
Document #: 001-52849 Rev. *A
Page 6 of 7
Package Drawing and Dimensions
Figure 11. 8-Pin Thin Shrunk Small Outline Package (4.40 MM Body) Z8
Ordering Information
Part Number
Package Type
Product Flow
CY2XP21ZXC
8-pin TSSOP
Commercial, 0°C to 70°C
CY2XP21ZXCT
8-pin TSSOP - Tape and Reel
Commercial, 0°C to 70°C
CY2XP21ZXI
8-pin TSSOP
Industrial, -40°C to 85°C
CY2XP21ZXIT
8-pin TSSOP - Tape and Reel
Industrial, -40°C to 85°C
8
PIN1ID
SEATING
PLANE
1
BSC.
BSC
0°-8°
PLANE
GAUGE
2.90[0.114]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
6.50[0.256]
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
3.10[0.122]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
0.25[0.010]
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
DIMENSIONS IN MM[INCHES] MIN.
MAX.
51-85093-*A
[+] Feedback
[+] Feedback


Similar Part No. - CY2XP21ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP21 CYPRESS-CY2XP21 Datasheet
231Kb / 7P
   125 MHz LVPECL Clock Generator
More results

Similar Description - CY2XP21ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP21 CYPRESS-CY2XP21 Datasheet
231Kb / 7P
   125 MHz LVPECL Clock Generator
CY2XP311 CYPRESS-CY2XP311 Datasheet
125Kb / 14P
   312.5 MHz LVPECL Clock Generator
CY2XP31 CYPRESS-CY2XP31_11 Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
CY26126 CYPRESS-CY26126 Datasheet
108Kb / 4P
   Dual Output 125-MHz Clock Generator
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
   3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
   3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
   3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843023 ICST-ICS843023 Datasheet
176Kb / 10P
   3.3V, 250MHZ LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com