Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XP41ZXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2XP41ZXC
Description  Crystal to LVPECL Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP41ZXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2XP41ZXC Datasheet HTML 1Page - Cypress Semiconductor CY2XP41ZXC Datasheet HTML 2Page - Cypress Semiconductor CY2XP41ZXC Datasheet HTML 3Page - Cypress Semiconductor CY2XP41ZXC Datasheet HTML 4Page - Cypress Semiconductor CY2XP41ZXC Datasheet HTML 5Page - Cypress Semiconductor CY2XP41ZXC Datasheet HTML 6Page - Cypress Semiconductor CY2XP41ZXC Datasheet HTML 7Page - Cypress Semiconductor CY2XP41ZXC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY2XP41
Document #: 001-48923 Rev. *A
Page 4 of 8
DC Electrical Characteristics for LVPECL Output
Parameter
Description
Min
Typ
Max
Unit
VCM
Common-Mode Voltage (CLK + CLK#) / 2, defined in Figure 5 on page 5, using
Figure 2 on page 5 circuit.
175
2000
mV
VPP
Differential Peak Output Voltage, defined in Figure 5 on page 5, using Figure 2
on page 5 circuit.
350
780
850
mV
Crystal Characteristics
Parameter
Description
Min
Typ
Max
Unit
Mode of Oscillation
Fundamental
F
Frequency
25
MHz
ESR
Equivalent Series Resistance
50
Ω
CL
Crystal Load Capacitance
10
pF
CS
Shunt Capacitance
7
pF
DL
Crystal Drive Level
300
μW
AC Characteristics
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
FOUT
Output Frequency
62.5
75.0
MHz
TR/TF
Output Rise/Fall time
Defined in Figure 5 on page 5
350
ps
TJitter(φ)
RMS Phase Jitter (Random)
75 MHz, (1.5 MHz - 10 MHz filter), 3.3V
0.27
ps
62.5 MHz, (1.5 MHz - 10 MHz filter), 3.3V
0.38
ps
TDC
Duty Cycle
Defined in Figure 4 on page 5
45
55
%
[+] Feedback


Similar Part No. - CY2XP41ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
More results

Similar Description - CY2XP41ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
CY2XP24ZXC CYPRESS-CY2XP24ZXC Datasheet
342Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP22ZXC CYPRESS-CY2XP22ZXC Datasheet
248Kb / 8P
   Crystal to LVPECL Clock Generator
logo
Integrated Circuit Syst...
ICS843071I ICST-ICS843071I Datasheet
303Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
logo
Integrated Circuit Syst...
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com