Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12024IRTCZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL12024IRTCZ
Description  Real-Time Clock/Calendar with Embedded Unique ID
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12024IRTCZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL12024IRTCZ Datasheet HTML 1Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 2Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 3Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 4Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 5Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 6Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 7Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 8Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FN6749.0
August 8, 2008
Timing Diagrams
Bus Timing
Write Cycle Timing
Cpin
SDA and SCL Pin Capacitance
10
pF
9, 11
tWC
Non-Volatile Write Cycle Time
12
20
ms
10
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20+0.1xCb
300
ns
9, 11
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20+0.1xCb
300
ns
9, 11
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip.
10
400
pF
9, 11
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about 2k
Ω~2.5kΩ.
For Cb = 40pF, max is about 15k
Ω~20kΩ
1k
Ω
9, 11
NOTES:
3. IRQ/FOUT Inactive.
4. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz
5. VDD > VBAT +VBATHYS
6. Bit BSW = 0 (Standard Mode), ATR = 00h, VBAT ≥1.8V
7. Specified at +25°C.
8. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
9. Limits established by characterization and are not production tested.
10. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user (it is the time from valid STOP condition at the end of Write
sequence of a serial interface Write operation) to the end of the self-timed internal non-volatile write cycle.
11. These are I2C specific parameters and are not directly tested, however they are used during device testing to validate device specification.
12. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
AC Electrical Specifications
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12) UNITS NOTES
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
tHD:STO
SCL
SDA
tWC
8TH BIT OF LAST BYTE
ACK
STOP
CONDITION
START
CONDITION
ISL12024IRTCZ


Similar Part No. - ISL12024IRTCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12024IRTCZ RENESAS-ISL12024IRTCZ Datasheet
974Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Intersil Corporation
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
426Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
December 15, 2011
More results

Similar Description - ISL12024IRTCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12024IRTC INTERSIL-ISL12024IRTC Datasheet
426Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
December 15, 2011
logo
Renesas Technology Corp
ISL12024 RENESAS-ISL12024 Datasheet
1,018Kb / 25P
   Real-Time Clock/Calendar with Embedded Unique ID
ISL12024IRTC RENESAS-ISL12024IRTC Datasheet
974Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Intersil Corporation
ISL12024 INTERSIL-ISL12024 Datasheet
395Kb / 25P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
   I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
MCP79400T-I MICROCHIP-MCP79400T-I Datasheet
1Mb / 42P
   I2C Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
11/29/11
MCP79410 MICROCHIP-MCP79410 Datasheet
580Kb / 38P
   I2C??Real-Time Clock/Calendar with EEPROM, SRAM, Unique ID and Battery Switchover
2011
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com