Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12057IBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL12057IBZ
Description  Low Cost and Low Power I2C RTC Real Time Clock/Calendar
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12057IBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL12057IBZ Datasheet HTML 1Page - Intersil Corporation ISL12057IBZ Datasheet HTML 2Page - Intersil Corporation ISL12057IBZ Datasheet HTML 3Page - Intersil Corporation ISL12057IBZ Datasheet HTML 4Page - Intersil Corporation ISL12057IBZ Datasheet HTML 5Page - Intersil Corporation ISL12057IBZ Datasheet HTML 6Page - Intersil Corporation ISL12057IBZ Datasheet HTML 7Page - Intersil Corporation ISL12057IBZ Datasheet HTML 8Page - Intersil Corporation ISL12057IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN6755.0
June 15, 2009
tBUF
Time the Bus Must Be Free
Before the Start of a New
Transmission
SDA crossing 70% of VDD during a
STOP condition, to SDA crossing 70%
of VDD during the following START
condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD crossing
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge.
Both crossing 70% of VDD
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of
VDD to SCL falling edge crossing 70%
of VDD
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of
VDD window, to SCL rising edge
crossing 30% of VDD
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 30% of
VDD to SDA entering the 30% to 70%
of VDD window
0
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of
VDD, to SDA rising edge crossing 30%
of VDD
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of
VDD, until SDA enters the 30% to 70%
of VDD window
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 + 0.1 x Cb
300
ns
7, 8
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 + 0.1 x Cb
300
ns
7, 8, 9
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
7, 8
Rpu
SDA and SCL Bus Pull-Up
Resistor Off-Chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about
2k
Ω to~2.5kΩ.
For Cb = 40pF, max is about 15k
Ω to
~20k
Ω
1k
Ω
7, 8
NOTES:
4. IRQ1/FOUT inactive.
5. Typical values are for T = +25°C and 3.3V supply voltage.
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Limits should be considered typical and are not production tested.
8. These are I2C specific parameters and are not production tested, however, they are used to set conditions for testing devices to validate
specification.
9. Parts will work with SDA pull-up voltage above the VPULLUP limit but the tAA and tFin the I
2C parameters are not guaranteed.
10. Specified at +25°C.
Serial Interface Specifications
Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNITS NOTES
ISL12057


Similar Part No. - ISL12057IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12057IBZ RENESAS-ISL12057IBZ Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
More results

Similar Description - ISL12057IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
logo
NXP Semiconductors
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
   Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
Renesas Technology Corp
ISL12057 RENESAS-ISL12057 Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com