Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12082IUZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL12082IUZ-T
Description  I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12082IUZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL12082IUZ-T Datasheet HTML 1Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 2Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 3Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 4Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 5Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 6Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 7Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 8Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
FN6731.3
November 24, 2008
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, IRQ1/fOUT and IRQ2 Pins
(respect to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Voltage on X1 and X2 Pins
(respect to GND) . . . . . . . . . . . . . -0.5V to VDD + 0.5 (VDD Mode)
-0.5V to VBAT + 0.5 (VBAT Mode)
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
10 Ld MSOP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
152
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Operating Characteristics - RTC
Temperature = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNITS
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Battery Supply Voltage
1.8
5.5
V
IDD1
Supply Current
VDD = 5V
2.8
6
µA
2, 3
VDD = 3V
1.6
4
µA
IDD2
Supply Current With I2C Active
VDD = 5V
40
120
µA
2, 3
IDD3
Supply Current (Low Power Mode)
VDD = 5V, LPMODE = 1
2.3
5
µA
2
IBAT
Battery Supply Current
VBAT = 3V, +25°C
800
950
nA
2, 9
ILI
Input Leakage Current on SCL
-1
0.1
+1
µA
ILO
I/O Leakage Current on SDA
-1
0.1
+1
µA
VTRIP
VBAT Mode Threshold
1.8
2.15
2.4
V
9
VTRIPHYS
VTRIP Hysteresis
36
mV
7, 9
VBATHYS
VBAT Hysteresis
53
mV
7, 9
IRQ1/fOUT and IRQ2
VOL
Output Low Voltage
VDD = 5V
IOL = 3mA
0.02
0.4
V
VDD = 2.7V
IOL = 1mA
0.02
0.4
V
Power-Down Timing
Timing Temperature = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNITS
NOTES
VDD SR-
VDD Negative Slewrate
5
V/ms
4, 9
Serial Interface Specifications Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNITS
NOTES
VIL
SDA and SCL Input Buffer LOW
Voltage
-0.3
0.3 x
VDD
V
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x
VDD
VDD +
0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x
VDD
V7, 8
VOL
SDA Output Buffer LOW Voltage,
Sinking 3mA
0
0.02
0.4
V
ISL12082


Similar Part No. - ISL12082IUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12082IUZ-T RENESAS-ISL12082IUZ-T Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
More results

Similar Description - ISL12082IUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12082 RENESAS-ISL12082 Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2 Datasheet
143Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2_16 Datasheet
139Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com