Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B992.5JC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7B992.5JC
Description  Programmable Skew Clock Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B992.5JC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7B992.5JC Datasheet HTML 6Page - Cypress Semiconductor CY7B992.5JC Datasheet HTML 7Page - Cypress Semiconductor CY7B992.5JC Datasheet HTML 8Page - Cypress Semiconductor CY7B992.5JC Datasheet HTML 9Page - Cypress Semiconductor CY7B992.5JC Datasheet HTML 10Page - Cypress Semiconductor CY7B992.5JC Datasheet HTML 11Page - Cypress Semiconductor CY7B992.5JC Datasheet HTML 12Page - Cypress Semiconductor CY7B992.5JC Datasheet HTML 13Page - Cypress Semiconductor CY7B992.5JC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CY7B991
CY7B992
Document Number: 38-07138 Rev. *B
Page 10 of 19
Switching Characteristics
Over the Operating Range[2, 13] (continued)
CY7B991–7
CY7B992–7
Parameter
Description
Min
Typ
Max
Min
Typ
Max
Unit
fNOM
Operating Clock
Frequency in MHz
FS = LOW[1, 2]
15
30
15
30
MHz
FS = MID[1, 2]
25
50
25
50
FS = HIGH[1, 2]
40
80
40
80[15]
tRPWH
REF Pulse Width HIGH
5.0
5.0
ns
tRPWL
REF Pulse Width LOW
5.0
5.0
ns
tU
Programmable Skew Unit
See Table 1
tSKEWPR
Zero Output Matched-Pair Skew
(XQ0, XQ1)[16, 17]
0.1
0.25
0.1
0.25
ns
tSKEW0
Zero Output Skew (All Outputs)[16, 18]
0.3
0.75
0.3
0.75
ns
tSKEW1
Output Skew (Rise-Rise, Fall-Fall, Same
Class Outputs)[16, 19]
0.6
1.0
0.6
1.0
ns
tSKEW2
Output Skew (Rise-Fall, Nominal-Inverted,
Divided-Divided)[16, 19]
1.0
1.5
1.0
1.5
ns
tSKEW3
Output Skew (Rise-Rise, Fall-Fall, Different
Class Outputs)[16, 19]
0.7
1.2
0.7
1.2
ns
tSKEW4
Output Skew (Rise-Fall, Nominal-Divided,
Divided-Inverted)[16, 19]
1.2
1.7
1.2
1.7
ns
tDEV
Device-to-Device Skew[14, 22]
1.65
1.65
ns
tPD
Propagation Delay, REF Rise to FB Rise
–0.7
0.0
+0.7
–0.7
0.0
+0.7
ns
tODCV
Output Duty Cycle Variation[22]
–1.2
0.0
+1.2
–1.5
0.0
+1.5
ns
tPWH
Output HIGH Time Deviation from 50%[23, 24]
3
5.5
ns
tPWL
Output LOW Time Deviation from 50%[23, 24]
3.5
5.5
ns
tORISE
Output Rise Time[23, 25]
0.15
1.5
2.5
0.5
3.0
5.0
ns
tOFALL
Output Fall Time[23, 25]
0.15
1.5
2.5
0.5
3.0
5.0
ns
tLOCK
PLL Lock Time[26]
0.5
0.5
ms
tJR
Cycle-to-Cycle Output
Jitter
RMS[14]
25
25
ps
Peak-to-Peak[14]
200
200
ps


Similar Part No. - CY7B992.5JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B992 CYPRESS-CY7B992 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B992 CYPRESS-CY7B992 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B992 CYPRESS-CY7B992 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B992-2 CYPRESS-CY7B992-2 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B992-2JC CYPRESS-CY7B992-2JC Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B992.5JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com