Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62870HRUZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL62870HRUZ
Description  PWM DC/DC Voltage Regulator Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62870HRUZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL62870HRUZ Datasheet HTML 7Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 8Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 9Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 10Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 11Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 12Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 13Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 14Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6708.0
August 14, 2008
many of the basic skills and techniques referenced in the
following. In addition to this guide, Intersil provides complete
reference designs that include schematics, bills of materials,
and example board layouts.
Selecting the LC Output Filter
The duty cycle of an ideal buck converter is a function of the
input and the output voltage. This relationship is written as
shown in Equation 13:
The output inductor peak-to-peak ripple current is written as
shown in Equation 14:
A typical step-down DC/DC converter will have an IP-P of
20% to 40% of the maximum DC output load current. The
value of IP-P is selected based upon several criteria, such as
MOSFET switching loss, inductor core loss, and the resistive
loss of the inductor winding. The DC copper loss of the
inductor can be estimated using Equation 15:
Where ILOAD is the converter output DC current.
The copper loss can be significant so attention has to be given
to the DCR selection. Another factor to consider when choosing
the inductor is its saturation characteristics at elevated
temperature. A saturated inductor could cause destruction of
circuit components, as well as nuisance OCP faults.
A DC/DC buck regulator must have output capacitance CO
into which ripple current IP-P can flow. Current IP-P develops a
corresponding ripple voltage VP-P across CO, which is the
sum of the voltage drop across the capacitor ESR and of the
voltage change stemming from charge moved in and out of
the capacitor. These two voltages are written as Equations 16
and 17:
and:
If the output of the converter has to support a load with high
pulsating current, several capacitors will need to be paralleled
to reduce the total ESR until the required VP-P is achieved. The
inductance of the capacitor can cause a brief voltage dip if the
load transient has an extremely high slew rate. Low inductance
capacitors should be considered. A capacitor dissipates heat as
a function of RMS current and frequency. Be sure that IP-P is
shared by a sufficient quantity of paralleled capacitors so that
they operate below the maximum rated RMS current at FSW.
Take into account that the rated value of a capacitor can fade
as much as 50% as the DC voltage across it increases.
Selection of the Input Capacitor
The important parameters for the bulk input capacitance are
the voltage rating and the RMS current rating. For reliable
operation, select bulk capacitors with voltage and current
ratings above the maximum input voltage and capable of
supplying the RMS current required by the switching circuit.
Their voltage rating should be at least 1.25 times greater
than the maximum input voltage, while a voltage rating of 1.5
times is a preferred rating. Figure 9 is a graph of the input
RMS ripple current, normalized relative to output load current,
as a function of duty cycle that is adjusted for converter
efficiency. The ripple current calculation is written as
expressed in Equation 18:
Where:
-IMAX is the maximum continuous ILOAD of the converter
- x is a multiplier (0 to 1) corresponding to the inductor
peak-to-peak ripple amplitude expressed as a
percentage of IMAX (0% to 100%)
- D is the duty cycle that is adjusted to take into account
the efficiency of the converter
Duty cycle is written as expressed in Equation 19:
In addition to the bulk capacitance, some low ESL ceramic
capacitance is recommended to decouple between the drain
of the high-side MOSFET and the source of the low-side
MOSFET.
Selecting The Bootstrap Capacitor
Adding an external capacitor across the BOOT and PHASE
pins completes the bootstrap circuit. We selected the
bootstrap capacitor breakdown voltage to be at least 10V.
Although the theoretical maximum voltage of the capacitor is
PVCC - VDIODE (voltage drop across the boot diode), large
excursions below ground by the PHASE node requires that
D
V
O
V
IN
---------
=
(EQ. 13)
(EQ. 14)
I
PP
V
O
1D
()
F
SW L
-------------------------------
=
(EQ. 15)
P
COPPER
I
LOAD
2
DCR
=
ΔV
ESR
I
PP
E
⋅ SR
=
(EQ. 16)
ΔV
C
I
PP
8C
O F
SW
---------------------------------
=
(EQ. 17)
(EQ. 18)
I
IN_RMS
I
MAX
2
DD
2
()
()
xI
MAX
2
D
12
------
⋅⋅
⎝⎠
⎛⎞
+
I
MAX
-----------------------------------------------------------------------------------------------------
=
(EQ. 19)
D
V
O
V
IN EFF
--------------------------
=
FIGURE 9. NORMALIZED RMS INPUT CURRENT FOR x = 0.8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
DUTY CYCLE
x = 0.75
x = 0.50
x = 0.25
x = 0
x = 1
ISL62870


Similar Part No. - ISL62870HRUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62870HRUZ RENESAS-ISL62870HRUZ Datasheet
884Kb / 17P
   PWM DC/DC Voltage Regulator Controller
ISL62870HRUZ-T RENESAS-ISL62870HRUZ-T Datasheet
884Kb / 17P
   PWM DC/DC Voltage Regulator Controller
More results

Similar Description - ISL62870HRUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62870 RENESAS-ISL62870 Datasheet
884Kb / 17P
   PWM DC/DC Voltage Regulator Controller
logo
Intersil Corporation
ISL78210 INTERSIL-ISL78210 Datasheet
617Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Renesas Technology Corp
ISL78210 RENESAS-ISL78210 Datasheet
933Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
RICOH electronics devic...
R1282D002A RICOH-R1282D002A Datasheet
329Kb / 18P
   2CH PWM DC/DC CONTROLLER
R1280D002X RICOH-R1280D002X Datasheet
344Kb / 26P
   2CH PWM DC/DC Controller?
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
   PWM Boost DC-DC Controller
logo
Intersil Corporation
ISL95874 INTERSIL-ISL95874 Datasheet
854Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95870 INTERSIL-ISL95870 Datasheet
633Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL62875 INTERSIL-ISL62875 Datasheet
695Kb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com