Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF-W2010LF-03-1001-T Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # PCF-W2010LF-03-1001-T
Description  Precision Thin Film Nichrome Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PCF-W2010LF-03-1001-T Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  PCF-W2010LF-03-1001-T Datasheet HTML 1Page - IRC - a TT electronics Company. PCF-W2010LF-03-1001-T Datasheet HTML 2Page - IRC - a TT electronics Company. PCF-W2010LF-03-1001-T Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PCF Series Issue January 2009 Sheet 1 of 3
Matte tin
Plating
Nickel Barrier
Resistive Element
Glass
Electrical Data
Precision Thin Film Nichrome
Chip Resistor
PCF Series
TCR to ±5 ppm/°C
Tolerances to ±0.05%
Available in 8 standard sizes
Wide ohmic range 10
Ω to 2.0MΩ
RoHS compliant Pb-free terminations
Size
Ohmic Range
(Ω)
Resistance Tolerance
TCR
(ppm/°C)
Rated
Power at
70°C
(mW)
Max
Working
Voltage
(volts)
Max
Overload
Voltage
(volts)
0201
33 - 22K
±0.5%
±25
50
15
30
10 - 32
±1%
±100
0402
50 - 2K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±5
62.5
25
50
50 - 12K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±10, ±15, ±25, ±50
10 - 200K
±0.1%, ±0.25%, ±0.5%, ±1%
±25, ±50
0603
50 - 8K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±5
62.5
50
100
25 - 100K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±10, ±15, ±25, ±50
4.7 - 150K
±0.05%
±25, ±50
4.7 - 800K
±0.1%, ±0.25%, ±0.5%, ±1%
±25, ±50
2 - 4.6
±0.25%, ±0.5%, ±1%
±25, ±50
0805
50 - 16K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±5
100
100
200
25 - 200K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±10, ±15, ±25, ±50
4.7 - 500K
±0.05%
±25, ±50
4.7 - 2M
±0.1%, ±0.25%, ±0.5%, ±1%
±25, ±50
1 - 4.6
±0.25%, ±0.5%, ±1%
±25, ±50
1206
50 - 30K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±5
125
150
300
25 - 500K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±10, ±15, ±25, ±50
4.7 - 1M
±0.05%, ±0.1%, ±0.25%, ±0.5%, ±1%
±25, ±50
1 - 4.6
±0.25%, ±0.5%, ±1%
±25, ±50
1M - 2M
±0.25%, ±0.5%, ±1%
±25, ±50
1210
100 - 330K
±0.1%, ±0.5%
±5, ±10
250
200
400
51R0 - 2.0M
±0.1%, ±0.5%
±25
2010
50 - 30K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±5
250
150
300
25 - 500K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±10, ±15, ±25, ±50
4.7 - 1M
±0.05%, ±0.1%, ±0.25%, ±0.5%, ±1%
±25, ±50
1 - 4.6
±0.25%, ±0.5%, ±1%
±25, ±50
1M - 2M
±0.25%, ±0.5%, ±1%
±25, ±50
2512
50 - 50K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±5
500
150
300
25 - 500K
±0.01%, ±0.05%, ±0.1%, ±0.25%, ±0.5%
±10, ±15, ±25, ±50
4.7 - 1M
±0.05%, ±0.1%, ±0.25%, ±0.5%, ±1%
±25, ±50
1 - 4.6, 1M - 2M
±0.25%, ±0.5%, ±1%
±25, ±50


Similar Part No. - PCF-W2010LF-03-1001-T

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PCF-1 COOPER-PCF-1 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PCF-1 EATON-PCF-1 Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
logo
Cooper Bussmann, Inc.
PCF-1-1/2 COOPER-PCF-1-1/2 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
PCF-1/2 COOPER-PCF-1/2 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Tyco Electronics
PCF-106D2M MACOM-PCF-106D2M Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
More results

Similar Description - PCF-W2010LF-03-1001-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCF0603R ETC2-PCF0603R Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com