Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97650B Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL97650B
Description  4-Channel Integrated LCD Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97650B Datasheet(HTML) 2 Page - Intersil Corporation

  ISL97650B Datasheet HTML 1Page - Intersil Corporation ISL97650B Datasheet HTML 2Page - Intersil Corporation ISL97650B Datasheet HTML 3Page - Intersil Corporation ISL97650B Datasheet HTML 4Page - Intersil Corporation ISL97650B Datasheet HTML 5Page - Intersil Corporation ISL97650B Datasheet HTML 6Page - Intersil Corporation ISL97650B Datasheet HTML 7Page - Intersil Corporation ISL97650B Datasheet HTML 8Page - Intersil Corporation ISL97650B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN6748.0
July 31, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Maximum Pin Voltages, all pins except below . . . . . . . . . . . . . . 6.5V
LX1, LX2, VSUP, NOUT, DELB, C2- . . . . . . . . . . . . . . . . . . . .24V
C1- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14V
VIN1, VINL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
DRN, COM, POUT, C1+, C2+ . . . . . . . . . . . . . . . . . . . . . . . . .36V
CB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21V
Recommended Operating Conditions
Input Voltage Range, VIN . . . . . . . . . . . . . . . . . . . . . . . 4.2V to 14V
Boost Output Voltage Range, AVDD . . . . . . . . . . . . . . . . . . . . +20V
VON Output Range, VON . . . . . . . . . . . . . . . . . . . . . . +15V to +32V
VOFF Output Range, VOFF . . . . . . . . . . . . . . . . . . . . . . .-15V to -5V
Logic Output Voltage Range, VLOGIC . . . . . . . . . . . . +1.5V to +3.3V
Input Capacitance, CIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2x10µF
Boost Inductor, L1 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3µH to 10µH
Output Capacitance, COUT . . . . . . . . . . . . . . . . . . . . . . . . . . 2x22µF
Buck Inductor, L2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3µH to 10µH
Operating Ambient Temperature Range . . . . . . . . -40°C to +105°C
Operating Junction Temperature . . . . . . . . . . . . . . -40°C to +125°C
Thermal Resistance
θJA(°C/W) θJC (°C/W)
6x6 TQFN Package (Notes 1, 2) . . . . .
30
2.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Power Dissipation
TA ≤ +25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.3W
TA = +70°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.8W
TA = +85°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.3W
TA = +100°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.8W
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside
Electrical Specifications
VIN = 12V, VBOOST = VSUP = 15V, VON = 25V, VOFF = -8V, over temperature from -40°C to +105°C;
Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature
limits established by characterization and are not production tested.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY PINS
VIN
Supply Voltage (VIN1)
4.2
12
14
V
VINL
Logic Supply Voltage
4.2
12
14
V
VSUP
Charge Pumps and VON Slice Positive
Supply
4.0
20
V
IVIN
Quiescent Current into VIN
Enabled, No switching
3
5
mA
Disabled
25
50
µA
IINL
Logic Supply Current
Enabled, No switching
0.25
2
mA
Disabled
1
25
µA
ISUP
VSUP Supply Current
Enabled, No Switching and VPOUT = VSUP
1mA
Disabled
1
10
µA
VLOR
Undervoltage Lockout Threshold
VDC rising
3.85
4.0
V
VLOF
Undervoltage Lockout Threshold
VDC falling
3.3
3.8
V
VREF
Reference Voltage
TA = +25°C
1.18
1.205
1.225
V
1.177
1.205
1.228
V
FOSC
Oscillator Frequency
440
500
560
kHz
AVDD BOOST
DMIN
Minimum Duty Cycle
710
%
DMAX
Maximum Duty Cycle
92
94
96
%
ILX
LX Leakage Current
LX = 0V and 24V
-50
0.1
50
µA
ISL97650B


Similar Part No. - ISL97650B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650BIRTZ-T INTERSIL-ISL97650BIRTZ-T Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650BIRTZ-T RENESAS-ISL97650BIRTZ-T Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650BIRTZ-TK INTERSIL-ISL97650BIRTZ-TK Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
More results

Similar Description - ISL97650B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650 RENESAS-ISL97650 Datasheet
865Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com