Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97650BIRTZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97650BIRTZ-T
Description  4-Channel Integrated LCD Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97650BIRTZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97650BIRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL97650BIRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL97650BIRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL97650BIRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL97650BIRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL97650BIRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL97650BIRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL97650BIRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL97650BIRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
¬
FN6748.0
ISL97650B
4-Channel Integrated LCD Supply
The ISL97650B represents a high power, integrated LCD
supply IC targeted at large panel LCD displays. The
ISL97650B integrates a high power, 3.2A boost converter for
AVDD generation, an integrated VON charge pump, a VOFF
charge pump driver, VON slicing circuitry and a buck
regulator with 2A switch for logic generation.
The ISL97650B has been designed for ease of layout and
low BOM cost. Supply sequencing is integrated for both
AVDD -> VOFF -> VON and AVDD/VOFF -> VON sequences.
The TFT power sequence uses a separate enable to the
logic buck regulator for maximum flexibility.
Peak efficiencies are >90% for both the boost and buck while
operating from a 4.2V to 14V input supply. The current mode
buck offers superior line and load regulation. Available in the
36 Ld TQFN package, the ISL97650B is specified for ambient
operation over the -40°C to +105°C temperature range.
Pinout
ISL97650B
(36 LD TQFN)
TOP VIEW
Features
• 4.2V to 14V input supply
•AVDD boost up to 20V, with integrated 3.2A FET
• Integrated VON charge pump, up to 35VOUT
•VOFF charge pump driver, down to -18V
•VLOGIC buck down to 1.2V, with integrated 2A FET
• Automatic start-up sequencing
-AVDD -> VOFF -> VON or AVDD/VOFF -> VON
- Independent logic enable
•VON slicing
• Thermally enhanced 6x6 Thin QFN package
• Pb-free plus anneal available (RoHS compliant)
Applications
• LCD monitors (15”+)
• LCD-TVs (up to 40”)
• Notebook displays (up to 16”)
• Industrial/medical LCD displays
THERMAL
PAD
27
26
25
24
23
22
21
1
2
3
4
5
6
7
LX1
LX2
CB
LXL
NC
VSUP
FBL
AGND1
PGND1
PGND2
VINL
NOUT
PGND3
FBN
8
9
20
19
VREF
FBP
CM2
CTL
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL97650BIRTZ-T*
ISL976 50BIRTZ 36 Ld 6x6 TQFN
L36.6x6
ISL97650BIRTZ-TK*
ISL976 50BIRTZ 36 Ld 6x6 TQFN
L36.6x6
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
July 31, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL97650BIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97650BIRTZ-T INTERSIL-ISL97650BIRTZ-T Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650BIRTZ-T RENESAS-ISL97650BIRTZ-T Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650BIRTZ-TK INTERSIL-ISL97650BIRTZ-TK Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650BIRTZ-TK RENESAS-ISL97650BIRTZ-TK Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
More results

Similar Description - ISL97650BIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650 RENESAS-ISL97650 Datasheet
865Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com