Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC495A Datasheet(PDF) 1 Page - Texas Instruments

Part # UC495A
Description  Advanced Regulating Pulse Width Modulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC495A Datasheet(HTML) 1 Page - Texas Instruments

  UC495A Datasheet HTML 1Page - Texas Instruments UC495A Datasheet HTML 2Page - Texas Instruments UC495A Datasheet HTML 3Page - Texas Instruments UC495A Datasheet HTML 4Page - Texas Instruments UC495A Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Regulating Pulse Width Modulators
FEATURES
Dual Uncommitted 40V, 200mA
Output Transistors
1% Accurate 5V Reference
Dual Error Amplifiers
Wide Range, Variable Deadtime
Single-ended or Push-pull
Operation
Under-voltage Lockout With
Hysteresis
Double Pulse Protection
Master or Slave Oscillator
Operation
UC495A: Internal 39V Zener Diode
UC495A: Buffered Steering Control
DESCRIPTION
This entire series of PWM modulators each provide a complete pulse width
modulation system in a single monolithic integrated circuit. These devices in-
clude a 5V reference accurate to
±1%, two independent amplifiers usable for
both voltage and current sensing, an externally synchronizable oscillator
with its linear ramp generator, and two uncommitted transistor output
switches. These two outputs may be operated either in parallel for single-
ended operation or alternating for push-pull applications with an externally
controlled dead-band. These units are internally protected against double-
pulsing of a single output or from extraneous output signals when the input
supply voltage is below minimum.
The UC495A contains an on-chip 39V zener diode for high-voltage applica-
tions where VCC would be greater than 40V, and a buffered output steering
control that overrides the internal control of the pulse steering flip-flop.
The UC494A is packaged in a 16-pin DIP, while the UC495A is packaged in
an 18 pin DIP. The UC494A, UC495A are specified for operation over the full
military temperature range of -55°C to +125°C, while the UC494AC,
UC495AC are designed for industrial applications from 0°C to +70°C.
BLOCK DIAGRAM
UC494A/AC
UC495A/AC
10/93


Similar Part No. - UC495A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC495A TI-UC495A Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC495A TI-UC495A Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC495AAC TI-UC495AAC Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC495AAC TI-UC495AAC Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC495AC TI-UC495AC Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
More results

Similar Description - UC495A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524 TI-UC1524 Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A Datasheet
365Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC3524NG4 TI-UC3524NG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com