Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC-W0402RJ-02-1001-B Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # PFC-W0402RJ-02-1001-B
Description  Gold Terminations Precision Thin Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-W0402RJ-02-1001-B Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  PFC-W0402RJ-02-1001-B Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-W0402RJ-02-1001-B Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-W0402RJ-02-1001-B Datasheet HTML 3Page - IRC - a TT electronics Company. PFC-W0402RJ-02-1001-B Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PFC-Gold Series Issue January 2009 Sheet 1 of 4
PFC Gold Series
Wire, ribbon, or epoxy bondable gold plated terminations
Available in 0402, 0603, 0805, 1206, 1505, 2010 and 2512 chip sizes
Tested for COTS applications
Absolute TCR to ±10ppm/°C
Mil screening available
Gold Terminations Precision
Thin Film Chip Resistors
Electrical Data
IRC now delivers the same high performance TaNFilm® chip resistors
with wire, ribbon, and epoxy bondable gold plated terminations. Available
in industry standard chip sizes ranging from 0402 to 2512, the PFC-Gold series provide the performance and
precision necessary in a bonded circuit environment.
Using the same manufacturing line as the PFC Military Series, IRC’s PFC-Gold chip resistors maintain the
same superior environmental performance. Specially selected materials and processes insure initial precision
is maintained in the harshest operating environment. For your bondable, precision chip resistor needs, specify
IRC’s PFC-Gold series resistors.
Model
Power Rating
(70°C)
Max Voltage
Rating (≤ P x R)
Temperature
Range
ESD
Sensitivity
Noise
Termination
Substrate
W0402
50mW
75V
-65°C to +150°C
2KV to 4KV
(HBM)
<-25dB
20KÅ
minimum
plated gold
99.5%
Alumina
W0603
100mW
75V
W0805
250mW
100V
W1206
333mW
200V
W1505
350mW
100V
W2010
800mW
175V
W2512
1.0W
200V
Environmental Test MIL-PRF-55342
Maximum ∆R per Characteristic E
Performance
Typical
Maximum
Thermal Shock
±0.10%
±0.02%
±0.10%
Low Temperature Operation
±0.10%
±0.01%
±0.05%
Short Time Overload
±0.10%
±0.01%
±0.05%
High Temperature Exposure
±0.10%
±0.03%
±0.10%
Effects of Solder
±0.20%
±0.01%
±0.10%
Moisture Resistance
±0.20%
±0.03%
±0.10%
Life
±0.50%
±0.03%
±0.10%
Environmental Data
Wrap around
termination
Ultra stable Tantalum Nitride
resistor film system


Similar Part No. - PFC-W0402RJ-02-1001-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
List of Unclassifed Man...
PFC-W0402R-01-1001-B ETC-PFC-W0402R-01-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W0402R-01-1001-J ETC-PFC-W0402R-01-1001-J Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-02-1001 IRCTT-PFC-W0402R-02-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W0402R-03-1001 IRCTT-PFC-W0402R-03-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results

Similar Description - PFC-W0402RJ-02-1001-B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCATAU VISHAY-MCATAU Datasheet
116Kb / 8P
   Precision Gold Terminated Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com