Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5512HP-25Q72 Datasheet(PDF) 7 Page - Intersil Corporation

Part # KAD5512HP-25Q72
Description  High Performance 12-Bit, 250/210/170/125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5512HP-25Q72 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button KAD5512HP-25Q72 Datasheet HTML 3Page - Intersil Corporation KAD5512HP-25Q72 Datasheet HTML 4Page - Intersil Corporation KAD5512HP-25Q72 Datasheet HTML 5Page - Intersil Corporation KAD5512HP-25Q72 Datasheet HTML 6Page - Intersil Corporation KAD5512HP-25Q72 Datasheet HTML 7Page - Intersil Corporation KAD5512HP-25Q72 Datasheet HTML 8Page - Intersil Corporation KAD5512HP-25Q72 Datasheet HTML 9Page - Intersil Corporation KAD5512HP-25Q72 Datasheet HTML 10Page - Intersil Corporation KAD5512HP-25Q72 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
FN6808.2
March 4, 2009
Timing Diagrams
FIGURE 1A. DDR
FIGURE 1B. SDR
FIGURE 1. LVDS TIMING DIAGRAMS
FIGURE 2A. DDR
FIGURE 2B. SDR
FIGURE 2. CMOS TIMING DIAGRAM
LATENCY = L CYCLES
tDC
tPD
tA
SAMPLE N
tCPD
INP
INN
CLKN
CLKP
CLKOUTN
CLKOUTP
ODD BITS
N-L
N-L
ODD BITS
ODD BITS
EVEN BITS
N-L + 1
N-L + 1
N-L + 2
N-L + 2
EVEN BITS
EVEN BITS
EVEN BITS
D[10/8/6/4/2/0]P
D[10/8/6/4/2/0]N
N
LATENCY = L CYCLES
tDC
tPD
tA
SAMPLE N
tCPD
INP
INN
CLKN
CLKP
CLKOUTN
CLKOUTP
DATA
DATA
N-L + 1
D[11/0]P
D[11/0]N
N
DATA
N-L
SAMPLE N
tDC
tPD
tA
INP
INN
CLKN
CLKOUT
CLKP
D[10/8/6/4/2/0]
LATENCY = L CYCLES
ODD BITS
N-L
N-L
ODD BITS
ODD BITS
EVEN BITS
N-L + 1
N-L + 1
N-L + 2
N-L + 2
EVEN BITS
EVEN BITS
EVEN BITS
N
tCPD
SAMPLE N
INP
INN
CLKN
CLKOUT
CLKP
tCPD
tA
D[11/0]
tDC
tPD
DATA
N-L
DATA
DATA
N-L + 1
N
LATENCY = L CYCLES
Switching Specifications
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
ADC OUTPUT
Aperture Delay
tA
375
ps
RMS Aperture Jitter
jA
60
fs
Output Clock to Data Propagation Delay,
LVDS Mode
(Note 10)
DDR Rising Edge
tDC
-260
-50
120
ps
DDR Falling Edge
tDC
-160
10
230
ps
SDR Falling Edge
tDC
-260
-40
230
ps
Output Clock to Data Propagation Delay,
CMOS Mode
(Note 10)
DDR Rising Edge
tDC
-220
-10
200
ps
DDR Falling Edge
tDC
-310
-90
110
ps
SDR Falling Edge
tDC
-310
-50
200
ps
KAD5512HP


Similar Part No. - KAD5512HP-25Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512HP-25Q72 ETC2-KAD5512HP-25Q72 Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP-25Q72 RENESAS-KAD5512HP-25Q72 Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512HP-25Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512HP ETC2-KAD5512HP Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com