Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5512P-21Q72 Datasheet(PDF) 5 Page - Intersil Corporation

Part # KAD5512P-21Q72
Description  Low Power 12-Bit, 250/210/170/125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5512P-21Q72 Datasheet(HTML) 5 Page - Intersil Corporation

  KAD5512P-21Q72 Datasheet HTML 1Page - Intersil Corporation KAD5512P-21Q72 Datasheet HTML 2Page - Intersil Corporation KAD5512P-21Q72 Datasheet HTML 3Page - Intersil Corporation KAD5512P-21Q72 Datasheet HTML 4Page - Intersil Corporation KAD5512P-21Q72 Datasheet HTML 5Page - Intersil Corporation KAD5512P-21Q72 Datasheet HTML 6Page - Intersil Corporation KAD5512P-21Q72 Datasheet HTML 7Page - Intersil Corporation KAD5512P-21Q72 Datasheet HTML 8Page - Intersil Corporation KAD5512P-21Q72 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
FN6807.2
March 4, 2009
Power Supply
Rejection Ratio
PSRR
30MHz, 200mVP-P
signal on AVDD
-36
-36
-36
-36
dB
Total Power Dissipation
Normal Mode (SDR)
PD
3mA LVDS
267
286
252
271
237
253
219
235
mW
Normal Mode
(DDR)
PD
3mA LVDS
234
219
204
189
mW
Nap Mode
PD
84
95
80
91
78
88
74
84
mW
Sleep Mode
PD
15
20
14
19
13
19
13
19
mW
AC SPECIFICATIONS (Note 5)
Differential
Nonlinearity
DNL
-0.8
±0.3
0.8
-0.8
±0.3
0.8
-0.8
±0.3
0.8
-0.8
±0.3
0.8
LSB
Integral Nonlinearity
INL
-2.0
±0.8
2.0
-2.0
±1.1
2.0
-2.0
±1.1
2.0
-2.5
±1.4
2.5
LSB
Minimum
Conversion Rate
(Note 6)
fS MIN
40
404040
MSPS
Maximum
Conversion Rate
fS MAX
250
210
170
125
MSPS
Signal-to-Noise
Ratio
SNR
fIN = 10MHz
66.1
66.6
66.9
67.1
dBFS
fIN = 105MHz
64.0
66.1
64.5
66.6
65.0
66.9
65.2
67.1
dBFS
fIN = 190MHz
65.9
66.3
66.7
66.8
dBFS
fIN = 364MHz
65.4
65.7
66.1
66.1
dBFS
fIN = 695MHz
63.8
64.2
64.4
64.1
dBFS
fIN = 995MHz
62.6
62.4
62.7
62.4
dBFS
Signal-to-Noise and
Distortion
SINAD
fIN = 10MHz
65.3
65.6
66.8
66.3
dBFS
fIN = 105MHz
63.3
65.3
63.8
65.6
64.3
65.8
64.3
66.3
dBFS
fIN = 190MHz
64.6
65.2
65.5
65.6
dBFS
fIN = 364MHz
63.9
64.3
64.7
64.1
dBFS
fIN = 695MHz
56.9
57.2
57.9
57.4
dBFS
fIN = 995MHz
49.6
44.9
48.3
49.3
dBFS
Effective Number of
Bits
ENOB
fIN = 10MHz
10.6
10.6
10.6
10.7
Bits
fIN = 105MHz
10.3
10.6
10.4
10.6
10.5
10.6
10.5
10.7
Bits
fIN = 190MHz
10.4
10.5
10.6
10.6
Bits
fIN = 364MHz
10.3
10.4
10.5
10.4
Bits
fIN = 695MHz
9.2
9.2
9.3
9.2
Bits
fIN = 995MHz
7.9
7.2
7.7
7.9
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per
speed grade). (Continued)
PARAMETER
SYMBOL
CONDITIONS
KAD5512P-25
KAD5512P-21
KAD5512P-17
KAD5512P-12
UNITS
MIN
TYP
MAX MIN
TYP
MAX MIN
TYP
MAX MIN
TYP
MAX
KAD5512P


Similar Part No. - KAD5512P-21Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512P-21Q72 ETC2-KAD5512P-21Q72 Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P-21Q72 INTERSIL-KAD5512P-21Q72 Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P-21Q72 RENESAS-KAD5512P-21Q72 Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512P-21Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com