Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL99201IIBZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL99201IIBZ-T
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IIBZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL99201IIBZ-T Datasheet HTML 1Page - Intersil Corporation ISL99201IIBZ-T Datasheet HTML 2Page - Intersil Corporation ISL99201IIBZ-T Datasheet HTML 3Page - Intersil Corporation ISL99201IIBZ-T Datasheet HTML 4Page - Intersil Corporation ISL99201IIBZ-T Datasheet HTML 5Page - Intersil Corporation ISL99201IIBZ-T Datasheet HTML 6Page - Intersil Corporation ISL99201IIBZ-T Datasheet HTML 7Page - Intersil Corporation ISL99201IIBZ-T Datasheet HTML 8Page - Intersil Corporation ISL99201IIBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6742.0
February 27, 2009
Supply Current
IIN
VIN = 0V, No load, VDD = 5V
3.9
mA
VIN = 0V, No load, VDD = 3.6V
3.2
3.75
mA
VIN = 0V, 8Ω + 33µH, VDD = 5V
3.9
mA
VIN = 0V, 8Ω + 33µH, VDD = 3.6V
3.8
mA
ISD
(Note 6)
SD = GND
0.2
0.4
µA
GAIN CONTROL
Closed-Loop Gain
D version user program
( Max Gain, Ri = 0
Ω)
27.5
28.5
29.5
dB
A version
5.7
6
6.3
dB
B version
9.2
9.6
10
dB
C version
11.5
12
12.5
dB
Differential Input Impedance
ZIN
SD = VDD, A version
70
k
Ω
SD = VDD, B version
46.25
k
Ω
SD = VDD, C version
35
k
Ω
SD = VDD, D version, Ri = 2.5kΩ
7.5
k
Ω
SD = GND
100
k
Ω
SHUTDOWN CONTROL
Input Voltage High
VIH
1.2
V
Input Voltage Low
VIL
0.5
V
Turn-on Time
tWU
SD rising edge from GND to VDD
3.5
ms
Turn-off Time
tSD
SD falling edge from VDD to GND
5
µs
Output Impedance
ZOUT
SD = GND
>100
k
Ω
NOISE PERFORMANCE
Output Voltage Noise
En
VDD = 3.6V, f = 20Hz to 20kHz, inputs are AC grounded,
AV = 6dB, A-weighting
27
µV
VDD = 3.6V, f = 20Hz to 20kHz, inputs are AC grounded,
AV0 = 6dB, no weighting
35
µV
Signal-to-Noise Ratio
SNR
POUT = 1W, RL= 8Ω
102
dB
NOTE:
6. Limits established by Characterization and are not production tested
Electrical Specifications
Typical Values Are Tested at VDD = 5V and the Ambient Temperature at +25°C. Parameters with MIN and/or
MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL99201


Similar Part No. - ISL99201IIBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99201IRTAEVZ INTERSIL-ISL99201IRTAEVZ Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Renesas Technology Corp
ISL99201IRTAEVZ RENESAS-ISL99201IRTAEVZ Datasheet
635Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Intersil Corporation
ISL99201IRTAZ-T INTERSIL-ISL99201IRTAZ-T Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Renesas Technology Corp
ISL99201IRTAZ-T RENESAS-ISL99201IRTAZ-T Datasheet
635Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Intersil Corporation
ISL99201IRTAZ-TK INTERSIL-ISL99201IRTAZ-TK Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
More results

Similar Description - ISL99201IIBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99201IRTAZ-T INTERSIL-ISL99201IRTAZ-T Datasheet
383Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
November 1, 2013
logo
Renesas Technology Corp
ISL99201 RENESAS-ISL99201 Datasheet
635Kb / 11P
   Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Analog Devices
SSM2301 AD-SSM2301_01 Datasheet
430Kb / 16P
   Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
REV. A
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com