Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5512P-17Q72 Datasheet(PDF) 2 Page - Intersil Corporation

Part # KAD5512P-17Q72
Description  Low Power 12-Bit, 250/210/170/125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5512P-17Q72 Datasheet(HTML) 2 Page - Intersil Corporation

  KAD5512P-17Q72 Datasheet HTML 1Page - Intersil Corporation KAD5512P-17Q72 Datasheet HTML 2Page - Intersil Corporation KAD5512P-17Q72 Datasheet HTML 3Page - Intersil Corporation KAD5512P-17Q72 Datasheet HTML 4Page - Intersil Corporation KAD5512P-17Q72 Datasheet HTML 5Page - Intersil Corporation KAD5512P-17Q72 Datasheet HTML 6Page - Intersil Corporation KAD5512P-17Q72 Datasheet HTML 7Page - Intersil Corporation KAD5512P-17Q72 Datasheet HTML 8Page - Intersil Corporation KAD5512P-17Q72 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
FN6807.2
March 4, 2009
Ordering Information
PART NUMBER
PART MARKING
SPEED
(MSPS)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
KAD5512P-25Q72 (Note 2)
KAD5512P-25 Q72EP-I
250
-40 to +85
72 Ld QFN
L72.10X10D
KAD5512P-21Q72 (Note 2)
KAD5512P-21 Q72EP-I
210
-40 to +85
72 Ld QFN
L72.10X10D
KAD5512P-17Q72 (Note 2)
KAD5512P-17 Q72EP-I
170
-40 to +85
72 Ld QFN
L72.10X10D
KAD5512P-12Q72 (Note 2)
KAD5512P-12 Q72EP-I
125
-40 to +85
72 Ld QFN
L72.10X10D
KAD5512P-25Q48 (Note 1)
KAD5512P-25 Q48EP-I
250
-40 to +85
48 Ld QFN
L48.7X7E
KAD5512P-21Q48 (Note 1)
KAD5512P-21 Q48EP-I
210
-40 to +85
48 Ld QFN
L48.7X7E
KAD5512P-17Q48 (Note 1)
KAD5512P-17 Q48EP-I
170
-40 to +85
48 Ld QFN
L48.7X7E
KAD5512P-12Q48 (Note 1)
KAD5512P-12 Q48EP-I
125
-40 to +85
48 Ld QFN
L48.7X7E
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
KAD5512P


Similar Part No. - KAD5512P-17Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512P-17Q72 ETC2-KAD5512P-17Q72 Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P-17Q72 INTERSIL-KAD5512P-17Q72 Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P-17Q72 RENESAS-KAD5512P-17Q72 Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512P-17Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com