Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC-W0402HF-01-50R0-F Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # PFC-W0402HF-01-50R0-F
Description  High Frequency Chip Resistor Terminators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-W0402HF-01-50R0-F Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  PFC-W0402HF-01-50R0-F Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-W0402HF-01-50R0-F Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-W0402HF-01-50R0-F Datasheet HTML 3Page - IRC - a TT electronics Company. PFC-W0402HF-01-50R0-F Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PFC HF Series Issue June 2008 Sheet 1 of 4
Wraparound termination with
non-leaching Nickel barrier
Ultra stable
Tantalum Nitride
resistor film
system
High Frequency Chip
Resistor Terminators
Long life self-passivating TaNFilm® element
Frequency performance characterized to 6GHz
Available in 0402, 0603, 0805 and 1206 chip sizes
Standard Sn/Pb and Pb-free terminations available
PFC HF Series
Electrical Data
The PFC-HF series of high frequency chip terminators are
available in standard chip resistor sizes. Available in 0402, 0603,
0805 and 1206 chip sizes, the PFC-HF is a drop-in replacement for poorer performing standard size chips.
With operation characterized to 6GHz, the PFC-HF series is suitable for RF and microwave transmission line
termination as well as high speed digital line termination. Applications include SCSI bus termination, DDR
memory termination, RF and microwave transmit and receive line terminations and general high speed trans-
mission line termination.
Environmental Data
Model
Impedance
Power Rating
@ 70C
Available Tolerances
Operating
Temperature
Range
Noise
Termination Substrate
W0402HF
50Ω and 75Ω
50mW
±10%, ±5%, ±2%, ±1% -55°C to ±125°C
<-25dB
60/40 Sn/Pb
Plate or
Matte Tin
Finish
99.5%
Alumina
W0603HF
100mW
W0805HF
250mW
W1206HF
333mW
Environmental Test MIL-PRF-55342
Maximum ∆R per Characteristic E
Performance
Typical
Maximum
Thermal Shock
±0.10%
±0.02%
±0.10%
Low Temperature Operation
±0.10%
±0.01%
±0.05%
Short Time Overload
±0.10%
±0.01%
±0.05%
High Temperature Exposure
±0.10%
±0.03%
±0.10%
Effects of Solder
±0.20%
±0.01%
±0.10%
Moisture Resistance
±0.20%
±0.03%
±0.10%
Life
±0.50%
±0.03%
±0.10%
IRC Advanced Film Division


Similar Part No. - PFC-W0402HF-01-50R0-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402LF-01-1001 IRCTT-PFC-W0402LF-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
List of Unclassifed Man...
PFC-W0402LF-01-1001-B ETC-PFC-W0402LF-01-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W0402LF-01-1001-J ETC-PFC-W0402LF-01-1001-J Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402LF-02-1001 IRCTT-PFC-W0402LF-02-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
PFC-W0402LF-03-1001 IRCTT-PFC-W0402LF-03-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results

Similar Description - PFC-W0402HF-01-50R0-F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
IRC - a TT electronics ...
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
   High Power, High Frequency Terminators
HFR-RFH52LF-C50OHMF IRCTT-HFR-RFH52LF-C50OHMF Datasheet
492Kb / 3P
   High Frequency Surface Mount Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
R1A060350R0G5AR ANAREN-R1A060350R0G5AR Datasheet
210Kb / 3P
   Anaren High Frequency Chip Resistor
R1A100550R0J5A0 ANAREN-R1A100550R0J5A0 Datasheet
202Kb / 3P
   Anaren High Frequency Chip Resistor
R2B080550R0J5J0 ANAREN-R2B080550R0J5J0 Datasheet
193Kb / 3P
   Anaren High Frequency Chip Resistor
R1B131350R0F5BT ANAREN-R1B131350R0F5BT Datasheet
196Kb / 3P
   Anaren High Frequency Chip Resistor
R2B130850R0J4J0 ANAREN-R2B130850R0J4J0 Datasheet
190Kb / 3P
   Anaren High Frequency Chip Resistor
C1A101050R0J4A0 ANAREN-C1A101050R0J4A0 Datasheet
261Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com