Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC-W0603HF-02-50R0-F Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # PFC-W0603HF-02-50R0-F
Description  High Frequency Chip Resistor Terminators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-W0603HF-02-50R0-F Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  PFC-W0603HF-02-50R0-F Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-W0603HF-02-50R0-F Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-W0603HF-02-50R0-F Datasheet HTML 3Page - IRC - a TT electronics Company. PFC-W0603HF-02-50R0-F Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IRC Advanced Film Division
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PFC HF Series Issue June 2008 Sheet 3 of 4
High Frequency Chip
Resistor Terminators
Modeling Data for 50Ω Terminator
W0603HF
1.65nH
350fF
50R
1.75nH
225fF
W0805HF
1.71nH
485fF
50R
1.4nH
255fF
W1206HF
275fF
1.4nH
50R
500fF
2nH
0
-10
-20
-30
-40
-50
30KHz
6GHz
75
50
W1206HF
Frequency
W0402HF
1.1nH
175fF
50R
3.0nH
120fF
Frequency Performance Data


Similar Part No. - PFC-W0603HF-02-50R0-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-F IRCTT-PFC-W0603HF-04-50R0-F Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
PFC-W0603HF-04-50R0-G IRCTT-PFC-W0603HF-04-50R0-G Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
PFC-W0603HF-04-50R0-J IRCTT-PFC-W0603HF-04-50R0-J Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
PFC-W0603HF-04-75R0-F IRCTT-PFC-W0603HF-04-75R0-F Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
More results

Similar Description - PFC-W0603HF-02-50R0-F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
IRC - a TT electronics ...
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
   High Power, High Frequency Terminators
HFR-RFH52LF-C50OHMF IRCTT-HFR-RFH52LF-C50OHMF Datasheet
492Kb / 3P
   High Frequency Surface Mount Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
R1A060350R0G5AR ANAREN-R1A060350R0G5AR Datasheet
210Kb / 3P
   Anaren High Frequency Chip Resistor
R1A100550R0J5A0 ANAREN-R1A100550R0J5A0 Datasheet
202Kb / 3P
   Anaren High Frequency Chip Resistor
R2B080550R0J5J0 ANAREN-R2B080550R0J5J0 Datasheet
193Kb / 3P
   Anaren High Frequency Chip Resistor
R1B131350R0F5BT ANAREN-R1B131350R0F5BT Datasheet
196Kb / 3P
   Anaren High Frequency Chip Resistor
R2B130850R0J4J0 ANAREN-R2B130850R0J4J0 Datasheet
190Kb / 3P
   Anaren High Frequency Chip Resistor
C1A101050R0J4A0 ANAREN-C1A101050R0J4A0 Datasheet
261Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com