Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1845ALQMLV Datasheet(PDF) 6 Page - Texas Instruments

Part # UC1845ALQMLV
Description  Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1845ALQMLV Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC1845ALQMLV Datasheet HTML 2Page - Texas Instruments UC1845ALQMLV Datasheet HTML 3Page - Texas Instruments UC1845ALQMLV Datasheet HTML 4Page - Texas Instruments UC1845ALQMLV Datasheet HTML 5Page - Texas Instruments UC1845ALQMLV Datasheet HTML 6Page - Texas Instruments UC1845ALQMLV Datasheet HTML 7Page - Texas Instruments UC1845ALQMLV Datasheet HTML 8Page - Texas Instruments UC1845ALQMLV Datasheet HTML 9Page - Texas Instruments UC1845ALQMLV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
UC1842A/3A/4A/5A
UC2842A/3A/4A/5A
APPLICATIONS DATA (cont.)
Open-Loop Laboratory Test Fixture
Oscillator Section
Oscillator Frequency vs Timing Resistance
Maximum Duty Cycle vs Timing Resistor
High peak currents associated with capacitive loads necessi-
tate careful grounding techniques. Timing and bypass capaci-
tors should be connected close to pin 5 in a single point
ground. The transistor and 5k potentiometer are used to sam-
ple the oscillator waveform and apply an adjustable ramp to
pin 3.
Slope Compensation
A fraction of the oscillator ramp can be resistively
summed with the current sense signal to provide slope
compensation for converters requiring duty cycles over
50%.
Note that capacitor, C, forms a filter with R2 to suppress
the leading edge switch spikes.


Similar Part No. - UC1845ALQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1845ALQMLV TI-UC1845ALQMLV Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC1845ALQMLV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com