Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GUS-QS0B-01-1002-D Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # GUS-QS0B-01-1002-D
Description  Surface Mount QSOP Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUS-QS0B-01-1002-D Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  GUS-QS0B-01-1002-D Datasheet HTML 1Page - IRC - a TT electronics Company. GUS-QS0B-01-1002-D Datasheet HTML 2Page - IRC - a TT electronics Company. GUS-QS0B-01-1002-D Datasheet HTML 3Page - IRC - a TT electronics Company. GUS-QS0B-01-1002-D Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount QSOP
Resistor Networks
Reliable, no internal cavity
High resistor density - .025" lead spacing
Standard JEDEC 16, 20, and 24 pin packages
Ultra-stable TaNSil® resistors on silicon substrate
RoHS compliant and Sn/Pb terminations available
QSOP Series
IRC’s TaNSil® QSOP resistor networks are the perfect solution for high volume applications that demand a
small wiring board footprint. The 0.025" lead spacing provides higher lead density, increased component
count, lower resistor cost, and high reliability.
The tantalum nitride film system on silicon provides precision tolerance, exceptional TCR tracking, low cost
and miniature package. Excellent performance in harsh, humid environments is a trademark of IRC’s
self-passivating TaNSil® resistor film.
The QSOP series is ideally suited for the latest surface mount assembly techniques and each lead can be
100% visually inspected. The compliant gull wing leads relieve thermal expansion and contraction stresses
created by soldering and temperature excursions.
For applications requiring high performance resistor networks in a low cost, surface mount package, specify
IRC QSOP resistor networks.
Electrical Data
Environmental Data
Test Per
MIL-PRF-83401
Typical
Delta R
Max Delta
R
Thermal Shock
±0.02%
±0.1%
Power Conditioning
±0.03%
±0.1%
High Temperature Exposure
±0.03%
±0.05%
Short-time Overload
±0.02%
±0.05%
Low Temperature Storage
±0.03%
±0.05%
Life
±0.05%
±2.0%
Resistance Range
10 to 250K
Absolute Tolerance
To ±0.1%
Ratio Tolerance to R1
To ±0.05%
Absolute TCR
To ±25ppm/°C
Tracking TCR
To ±5ppm/°C
Element Power Rating @ 70°C
Isolated Schematic
Bussed Schematic
100mW
50mW
Package Power Rating @ 70°C
16-Pin
750mW
20-Pin
1.0W
24-Pin
1.0W
Rated Operating Voltage
(not to exceed P x R)
100 Volts
Operating Temperature
-55°C to
+125°C
Noise
<-30dB
______
QSOP Series Issue January 2009 Sheet 1 of 4


Similar Part No. - GUS-QS0B-01-1002-D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
GUS-QS0BLF-01-1052-D TTELEC-GUS-QS0BLF-01-1052-D Datasheet
442Kb / 4P
   RoHS compliant and Sn/Pb terminations available
GUS-QS0BLF-01-2000-JF TTELEC-GUS-QS0BLF-01-2000-JF Datasheet
442Kb / 4P
   RoHS compliant and Sn/Pb terminations available
GUS-QS0BLF-01-3600-G TTELEC-GUS-QS0BLF-01-3600-G Datasheet
442Kb / 4P
   RoHS compliant and Sn/Pb terminations available
GUS-QS0BLF-02-1332-D TTELEC-GUS-QS0BLF-02-1332-D Datasheet
442Kb / 4P
   RoHS compliant and Sn/Pb terminations available
GUS-QS0BLF-03-1912-D TTELEC-GUS-QS0BLF-03-1912-D Datasheet
442Kb / 4P
   RoHS compliant and Sn/Pb terminations available
More results

Similar Description - GUS-QS0B-01-1002-D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
IRC - a TT electronics ...
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
   Designed For Pentium Power Supply Surface Mount Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com