Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC5601N Datasheet(PDF) 1 Page - Texas Instruments

Part # UC5601N
Description  SCSI Active Terminator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5601N Datasheet(HTML) 1 Page - Texas Instruments

  UC5601N Datasheet HTML 1Page - Texas Instruments UC5601N Datasheet HTML 2Page - Texas Instruments UC5601N Datasheet HTML 3Page - Texas Instruments UC5601N Datasheet HTML 4Page - Texas Instruments UC5601N Datasheet HTML 5Page - Texas Instruments UC5601N Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Complies with SCSI, SCSI-2
Standards
10pF Channel Capacitance During
Disconnect
Active Termination for 18 Lines
Logic Command Disconnects all
Termination Lines
Low Supply Current in Disconnect
Mode
Trimmed Regulator for Accurate
Termination Current
Current Limit and Thermal
Shutdown Protection
110 Ohm Termination
Meets SCSI Hot Plugging
The UC5601 provides precision resistive pull-up to a 2.9V reference for all
18 lines in a Small Computer Systems Interface (SCSI) bus cable. The
SCSI-2 standard recommends active termination at both ends of every ca-
ble segment utilizing single ended drivers and receivers.
Internal circuit trimming is utilized, first to reduce resistor tolerances to
±3%
and then to adjust the regulator’s output voltage to insure termination cur-
rent accuracy of
±3%.
The UC5601 provides a disconnect feature which, upon a logic command,
disconnects all terminating resistors, and turns off the regulator; greatly re-
ducing standby power.
Other features include negative clamping on all signal lines, 20mA of active
negation sink current capability, regulator current limiting, and thermal shut-
down protection.
This device is offered in low thermal resistance versions of the industry
standard 28 pin wide body SOIC and PLCC, as well as a 24 pin DIL plastic
package.
UC5601
SCSI Active Terminator
FEATURES
DESCRIPTION
BLOCK DIAGRAM
Circuit Design Patented
10/94
UDG-94060


Similar Part No. - UC5601N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5601 TI1-UC5601 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWP TI1-UC5601DWP Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWPG4 TI1-UC5601DWPG4 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWPTR TI1-UC5601DWPTR Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWPTRG4 TI1-UC5601DWPTRG4 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
More results

Similar Description - UC5601N

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
   SCSI active terminator IC
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com