Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3314ER Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA3314ER
Description  6GHz PLL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3314ER Datasheet(HTML) 2 Page - Sony Corporation

  CXA3314ER Datasheet HTML 1Page - Sony Corporation CXA3314ER Datasheet HTML 2Page - Sony Corporation CXA3314ER Datasheet HTML 3Page - Sony Corporation CXA3314ER Datasheet HTML 4Page - Sony Corporation CXA3314ER Datasheet HTML 5Page - Sony Corporation CXA3314ER Datasheet HTML 6Page - Sony Corporation CXA3314ER Datasheet HTML 7Page - Sony Corporation CXA3314ER Datasheet HTML 8Page - Sony Corporation CXA3314ER Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
– 2 –
CXA3314ER
Block Diagram and Pin Configuration
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
24
23
22
21
20
19
LKDET
CEX
DATA
CLK
LE
TESTDIS
CPOUT
CPVCC
SUB
RFINN
RFINP
GND
I/2I
High-speed
Pull-in Control
Lock
Detector
3-wire Control
Reference
Counter
(15 bits)
Fixed
Frequency
Division
(4)
Prescaler
Test
Circuit
Buffer
PFD
Swallow Counter
(5 bits)
Main Counter
(13 bits)
Dual Modulus
(32, 33) Prescaler


Similar Part No. - CXA3314ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3304N SONY-CXA3304N Datasheet
147Kb / 12P
   IF IC for ETC
CXA3328EN SONY-CXA3328EN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
   Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
More results

Similar Description - CXA3314ER

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TAV-541 MINI-TAV-541 Datasheet
596Kb / 13P
   E-PHEMT 0.45-6GHz
logo
American Accurate Compo...
JXMBGF-T-2-5000-6000 AAC-JXMBGF-T-2-5000-6000 Datasheet
264Kb / 1P
   5~6GHz Power Divider
logo
Mini-Circuits
SAV-551 MINI-SAV-551 Datasheet
582Kb / 13P
   E-PHEMT 0.45-6GHz
TAV-551 MINI-TAV-551 Datasheet
590Kb / 13P
   E-PHEMT 0.45-6GHz
logo
Japan Aviation Electron...
CF2 JAE-CF2 Datasheet
326Kb / 8P
   FREQUENCY RANGE TO 6GHz
logo
Diodes Incorporated
PI6C59S6005 DIODES-PI6C59S6005 Datasheet
1Mb / 16P
   6GHz Selectable Fanout Buffer
logo
Mini-Circuits
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
logo
Transcom, Inc.
TA020-060-30-33 TRANSCOM-TA020-060-30-33 Datasheet
61Kb / 2P
   2 ~ 6GHz 33dBm PowerAmplifier
logo
Mini-Circuits
SAV-581 MINI-SAV-581 Datasheet
542Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-581 MINI-TAV-581 Datasheet
570Kb / 11P
   E-PHEMT 0.45-6GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com