Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFR-RFTS100LFC50OHM-F-0Y0 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # HFR-RFTS100LFC50OHM-F-0Y0
Description  High Power, Surface Mount RF Terminators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFTS100LFC50OHM-F-0Y0 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  HFR-RFTS100LFC50OHM-F-0Y0 Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFTS100LFC50OHM-F-0Y0 Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFTS100LFC50OHM-F-0Y0 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RFTS Series Issue January 2009 Sheet 2 of 3
High Power, Surface Mount
RF Terminators
Frequency Performance Data
S11, RFTS05LFC50OHM F
Style 0F0
S11, RFTS100LFC50OHM F
Style 0F0
VSWR RFTS100CLF50OHM F
Style 0F0
VSWR, RFTS05LFC50OHM F
Style 0F0
20 Jul 2004 13:24:23
11
1 U FS
1: 50.781
W
-0.1133 W
18.029 pH
1 000. 000 000 MHz
2: 50.645 W
-439.45 mW
1.5 GHz
3: 50.836 W
-1.2656 W
2 GHz
4: 51.518 W
-2.3496 W
2.5 GHz
5: 51.889 W
-3.5445 W
3 GHz
START
.030 000 MHz
STOP 3 000. 000 000 MHz
CH1 S
PRm
Cor
1
234
5
hp
20 Jul 2004 13:24:23
11
1 U FS
1: 55.582
W
-232.42 W
684.77 pF
1 000. 000 000 MHz
2: 47.199 W
-7.543 W
2 GHz
3: 41.346 W
6.8594 W
3 GHz
START
.010 000 MHz
STOP 3 000. 000 000 MHz
CH1 S
PRm
Cor
1
2
3
hp
20 Jul 2004 13: 28: 24
CH1 S
SWR
100 m / REF 1
1:
1.0143
1 000. 000 000 MHz
2: 1.0226
2 GHz
3: 1.0527
3 GHz
4: 1.0871
4 GHz
5: 1.1084
5 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
11
PRm
Cor
1
2
3
4
5
hp
15 Jul 2004 16: 27: 59
CH1 S
SWR
100 m / REF 1
1:
1.1117
1 000. 000 000 MHz
2: 1.1798
2 GHz
3: 1.2742
3 GHz
START
.010 000 MHz
STOP 3 000. 000 000 MHz
11
PRm
Cor
1
2
3
hp


Similar Part No. - HFR-RFTS100LFC50OHM-F-0Y0

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFT010110-C50OHMFZ00 IRCTT-HFR-RFT010110-C50OHMFZ00 Datasheet
237Kb / 3P
   High Power Flanged RF Terminators
HFR-RFT010120-C50OHMFZ00 IRCTT-HFR-RFT010120-C50OHMFZ00 Datasheet
237Kb / 3P
   High Power Flanged RF Terminators
HFR-RFT010130-C50OHMFZ00 IRCTT-HFR-RFT010130-C50OHMFZ00 Datasheet
237Kb / 3P
   High Power Flanged RF Terminators
HFR-RFT010140-C50OHMFZ00 IRCTT-HFR-RFT010140-C50OHMFZ00 Datasheet
237Kb / 3P
   High Power Flanged RF Terminators
HFR-RFT050110-C50OHMFZ00 IRCTT-HFR-RFT050110-C50OHMFZ00 Datasheet
237Kb / 3P
   High Power Flanged RF Terminators
More results

Similar Description - HFR-RFTS100LFC50OHM-F-0Y0

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFT010110-C50OHMFZ00 IRCTT-HFR-RFT010110-C50OHMFZ00 Datasheet
237Kb / 3P
   High Power Flanged RF Terminators
HFR-RFH52LF-C50OHMF IRCTT-HFR-RFH52LF-C50OHMF Datasheet
492Kb / 3P
   High Frequency Surface Mount Terminators
HFR-RFRF10LF-C50OHMF000 IRCTT-HFR-RFRF10LF-C50OHMF000 Datasheet
389Kb / 3P
   Flanged RF Power Terminators
logo
RHOPOINT COMPONENTS
PCS3040R-50 RHOPOINT-PCS3040R-50 Datasheet
179Kb / 4P
   HIGH POWER TERMINATORS
logo
IRC - a TT electronics ...
HFR-PCS0816SLF-50R0 IRCTT-HFR-PCS0816SLF-50R0 Datasheet
234Kb / 2P
   Fixed Surface Mount Microwave Line Terminators
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
   High Power, High Frequency Terminators
logo
List of Unclassifed Man...
TFA-54DD ETC-TFA-54DD Datasheet
752Kb / 1P
   SURFACE MOUNT RF POWER ATTENUATORS
logo
Hirose Electric
HSC-TM-P1 HIROSE-HSC-TM-P1 Datasheet
154Kb / 4P
   Optical Terminators
logo
IRC - a TT electronics ...
HFR-PCS3042PLF-50R0 IRCTT-HFR-PCS3042PLF-50R0 Datasheet
193Kb / 2P
   Split Ground High Power Thin Film Terminators
logo
AVX Corporation
HQCC7M152GAH6A AVX-HQCC7M152GAH6A Datasheet
718Kb / 5P
   Hi-Q짰 High RF Power MLC Surface Mount Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com