Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1210UR Datasheet(PDF) 3 Page - Sony Corporation

Part # CXG1210UR
Description  High Power 3P3T Switch with Logic Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1210UR Datasheet(HTML) 3 Page - Sony Corporation

  CXG1210UR Datasheet HTML 1Page - Sony Corporation CXG1210UR Datasheet HTML 2Page - Sony Corporation CXG1210UR Datasheet HTML 3Page - Sony Corporation CXG1210UR Datasheet HTML 4Page - Sony Corporation CXG1210UR Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CXG1210UR
- 3 -
DC Bias Conditions
(Ta = 25°C)
Pin Description
Item
Min.
Typ.
Max.
Unit
Vctl (H)
2.0
2.85
3.2
V
Vctl (L)
0
0.5
V
VDD
2.6
2.85
3.2
V
Pin No.
Symbol
Pin No.
Symbol
1
GND
11
GND4
2
RF2 (CDMA2)
12
RF5 (EXT)
3GND
13
GND
4
RF3 (GPS)
14
GND6
5
GND
15
RF6 (Sub-Ant)
6GND
16
GND
7RF1 (CDMA1)
17
VDD
8
GND
18
CTLA
9
GND
19
CTLB
10
RF4 (Main-Ant)
20
CTLC


Similar Part No. - CXG1210UR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1212UR SONY-CXG1212UR Datasheet
83Kb / 5P
   High Power 3P3T Switch with Logic Control
CXG1213XR SONY-CXG1213XR Datasheet
187Kb / 9P
   High Power DPDT Switch with Logic Control
CXG1214UR SONY-CXG1214UR Datasheet
147Kb / 4P
   High Power 3P3T Switch with Logic Control
CXG1215UR SONY-CXG1215UR Datasheet
141Kb / 4P
   High Power DP3T Switch with Logic Control
CXG1216UR SONY-CXG1216UR Datasheet
151Kb / 5P
   High Power DP4T Switch with Logic Control
More results

Similar Description - CXG1210UR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1212UR SONY-CXG1212UR Datasheet
83Kb / 5P
   High Power 3P3T Switch with Logic Control
CXG1214UR SONY-CXG1214UR Datasheet
147Kb / 4P
   High Power 3P3T Switch with Logic Control
CXG1174UR SONY-CXG1174UR Datasheet
50Kb / 6P
   High Power SP3T Switch with Logic Control
CXG1144AEN SONY-CXG1144AEN Datasheet
66Kb / 7P
   High Power DPDT Switch with Logic Control
CXG1188UR SONY-CXG1188UR Datasheet
75Kb / 4P
   High Power DPDT Switch with Logic Control
CXG1134EN SONY-CXG1134EN Datasheet
43Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1176UR SONY-CXG1176UR Datasheet
43Kb / 4P
   High Power DPDT Switch with Logic Control
CXG1134AEN SONY-CXG1134AEN Datasheet
120Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1215UR SONY-CXG1215UR Datasheet
141Kb / 4P
   High Power DP3T Switch with Logic Control
CXG1173UR SONY-CXG1173UR Datasheet
37Kb / 5P
   High Power SPDT Switch with Logic Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com