Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2765ER Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA2765ER
Description  5-channel 3-LD Driver for Optical Disk Drive
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2765ER Datasheet(HTML) 4 Page - Sony Corporation

  CXA2765ER Datasheet HTML 1Page - Sony Corporation CXA2765ER Datasheet HTML 2Page - Sony Corporation CXA2765ER Datasheet HTML 3Page - Sony Corporation CXA2765ER Datasheet HTML 4Page - Sony Corporation CXA2765ER Datasheet HTML 5Page - Sony Corporation CXA2765ER Datasheet HTML 6Page - Sony Corporation CXA2765ER Datasheet HTML 7Page - Sony Corporation CXA2765ER Datasheet HTML 8Page - Sony Corporation CXA2765ER Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CXA2765ER
- 4 -
Pin Description
Pin
No.
Symbol
I/O
Pin voltage
[V]
Equivalent circuit
Description
1VCC
4.5 to 6.0
Supply voltage for input signal,
bias and timing blocks
2OUTEN2
I
IIN2 setting current control signal
input (positive logic): LVDS/CMOS
Fix to GND when not used.
3xOUTEN2
I
IIN2 setting current control signal
input (negative logic): LVDS
Not used in single input mode.
Fix to VCC when not used.
4OUTEN3
I
IIN3 setting current control signal
input (positive logic): LVDS/CMOS
Fix to GND when not used.
5xOUTEN3
I
IIN3 setting current control signal
input (negative logic): LVDS
Not used in single input mode.
Fix to VCC when not used.
6OUTEN4
I
IIN4 setting current control signal
input (positive logic): LVDS/CMOS
Fix to GND when not used.
7xOUTEN4
I
IIN4 setting current control signal
input (negative logic): LVDS
Not used in single input mode.
Fix to VCC when not used.
8OUTEN5
I
IIN5 setting current control signal
input (positive logic): LVDS/CMOS
Fix to GND when not used.
9xOUTEN5
I
IIN5 setting current control signal
input (negative logic): LVDS
Not used in single input mode.
Fix to VCC when not used.
10
OSCEN
I
HFM control signal input (positive
logic): LVDS
Not used in single input mode.
Fix to GND when not used.
11
xOSCEN
I
HFM control signal input (negative
logic): LVDS/CMOS
Fix to VCC when not used.
12
RDIS
I
IINR setting current control signal
input (negative logic)
(with pull-up resistor)
VCC
GND2
1
13
3
2
5
4
7
6
9
8
11
10
500
VCC
100k
GND2
1
13
12
500


Similar Part No. - CXA2765ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2701GA SONY-CXA2701GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2702GA SONY-CXA2702GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2716GA SONY-CXA2716GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2726GA SONY-CXA2726GA Datasheet
290Kb / 37P
   PDIC for DVD-RW and RAM
More results

Similar Description - CXA2765ER

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8737SB PANASONIC-AN8737SB Datasheet
67Kb / 8P
   3-channel driver IC for optical disk drive
logo
Sony Corporation
CXA2697ER SONY-CXA2697ER Datasheet
176Kb / 18P
   5-Channel 2-LD Driver for Optical Disc Drive
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
logo
Panasonic Semiconductor
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8814SB PANASONIC-AN8814SB Datasheet
51Kb / 5P
   4-channel driver IC for optical disk drive
AN8730SB PANASONIC-AN8730SB Datasheet
79Kb / 7P
   4-channel driver IC for optical disk
logo
Sanyo Semicon Device
LA6569 SANYO-LA6569 Datasheet
132Kb / 7P
   5-channel Driver for Compact Disk
LA6261 SANYO-LA6261_07 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
logo
Panasonic Semiconductor
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com