Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC5607J Datasheet(PDF) 1 Page - Texas Instruments

Part # UC5607J
Description  Plug and Play, 18-Line SCSI Active Terminator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5607J Datasheet(HTML) 1 Page - Texas Instruments

  UC5607J Datasheet HTML 1Page - Texas Instruments UC5607J Datasheet HTML 2Page - Texas Instruments UC5607J Datasheet HTML 3Page - Texas Instruments UC5607J Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
• Complies with SCSI and SCSI-2
Standards
• 8pF Channel Capacitance during
Disconnect
• SCSI Plug and Play, Dual Low
Disconnect, Logic Low Command
Disconnects All Termination Lines
• Meets SCSI Hot Plugging Capability
• -650mA Sourcing Current for
Termination
• +200mA Sinking Current for Active
Negation
• 200µA Supply Current in Disconnect
Mode
• Trimmed Termination Current to 7%
• Trimmed Impedance to 7%
• Provides Active Termination for 18
Lines
UC5607
Plug and Play, 18-Line SCSI Active Terminator
BLOCK DIAGRAM
7/98
UDG-94124
Connect
Connect
Connect
Disc
DISCNCT1
1010
DISCNCT2
0110
DESCRIPTION
The UC5607 provides 18 lines of active termination for a SCSI (Small
Computer Systems Interface) parallel bus. The SCSI standard recom-
mends active termination at both ends of the cable segment.
The UC5607 provides a low disconnect feature which will disconnect all
terminating resistors, and will disable the regulator, greatly reducing
standby power. The output channels remain high impedance even without
Termpwr applied.
The UC5607 terminator is specially designed with two disconnect pins for
full SCSI Plug and Play (PnP) applications.
Custom power packages are utilized to allow normal operation at full
power conditions (2 Watts).
Internal circuit trimming is utilized, first to trim the impedance to a 7% tol-
erance, and then most importantly, to trim the output current to a 7% toler-
ance, as close to the max SCSI spec as possible, which maximizes noise
margin in fast SCSI operation.
Other features include thermal shutdown and current limit.
This device is offered in low thermal resistance versions of the industry
standard 28 pin wide body SOIC, and 28 pin PLCC, as well as 24 pin DIP.
Circuit Design Patented


Similar Part No. - UC5607J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC560 TI-UC560 Datasheet
113Kb / 5P
[Old version datasheet]   27-Line SCSI Source/Sink Regulator
UC560 TI1-UC560 Datasheet
107Kb / 6P
[Old version datasheet]   27LINE SCSI SOURCE/SINK REGULATOR
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWP TI-UC5601DWP Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
More results

Similar Description - UC5607J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5225 MICROSEMI-LX5225 Datasheet
148Kb / 4P
   ULTRA 18-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5205 MICROSEMI-LX5205 Datasheet
142Kb / 4P
   18-LINE PLUG AND PLAY, 關POWER SCSI TERMINATOR
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
   Plug and Play SCSI Terminator
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
   Plug and Play SCSI Terminator
112099
logo
Dallas Semiconductor
DS2109 DALLAS-DS2109 Datasheet
85Kb / 10P
   Plug and Play SCSI Terminator
logo
Maxim Integrated Produc...
DS2109 MAXIM-DS2109 Datasheet
90Kb / 10P
   Plug and Play SCSI Terminator
022698
logo
Microsemi Corporation
LX5121 MICROSEMI-LX5121 Datasheet
145Kb / 4P
   ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5122 MICROSEMI-LX5122 Datasheet
89Kb / 4P
   ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5240 MICROSEMI-LX5240 Datasheet
165Kb / 5P
   MULTIMODE, PLUG AND PLAY SCSI TERMINATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com