Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC5607J Datasheet(PDF) 2 Page - Texas Instruments

Part # UC5607J
Description  Plug and Play, 18-Line SCSI Active Terminator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5607J Datasheet(HTML) 2 Page - Texas Instruments

  UC5607J Datasheet HTML 1Page - Texas Instruments UC5607J Datasheet HTML 2Page - Texas Instruments UC5607J Datasheet HTML 3Page - Texas Instruments UC5607J Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
UC5607
ABSOLUTE MAXIMUM RATINGS
Termpwr Voltage .................................+7V
Signal Line Voltage ..........................0Vto+7V
Regulator Output Current ...........................1A
Storage Temperature ...................
-65°C to +150°C
Operating Temperature .................
-55°C to +150°C
Lead Temperature (Soldering, 10 Sec.)............. +300°C
Unless otherwise specified all voltages are with respect to
Ground. Currents are positive into, negative out of the specified
terminal. Consult Packaging Section of Unitrode Integrated Cir-
cuits databook for thermal limitations and considerations of
packages.
RECOMMENDED OPERATING CONDITIONS
Termpwr Voltage ......................... 3.8V to 5.25V
Signal Line Voltage ..........................0Vto+5V
Disconnect Input Voltage ..................0Vto Termpwr
CONNECTION DIAGRAMS
* QP package pins 12 - 18 serve as both heatsink and signal
ground.
** DISCNCT2 is internally tied to ground.
* DWP package pin 8 serves as signal ground; pins 7, 8, 9, 20,
21, 22 serve as heatsink/ground.
Note: Drawings are not to scale.
PLCC-28 (Top View)
QP Package
SOIC-28 (Top View)
DWP Package
DIL-24 (Top View)
NorJPackage


Similar Part No. - UC5607J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC560 TI-UC560 Datasheet
113Kb / 5P
[Old version datasheet]   27-Line SCSI Source/Sink Regulator
UC560 TI1-UC560 Datasheet
107Kb / 6P
[Old version datasheet]   27LINE SCSI SOURCE/SINK REGULATOR
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWP TI-UC5601DWP Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
More results

Similar Description - UC5607J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5225 MICROSEMI-LX5225 Datasheet
148Kb / 4P
   ULTRA 18-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5205 MICROSEMI-LX5205 Datasheet
142Kb / 4P
   18-LINE PLUG AND PLAY, 關POWER SCSI TERMINATOR
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
   Plug and Play SCSI Terminator
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
   Plug and Play SCSI Terminator
112099
logo
Dallas Semiconductor
DS2109 DALLAS-DS2109 Datasheet
85Kb / 10P
   Plug and Play SCSI Terminator
logo
Maxim Integrated Produc...
DS2109 MAXIM-DS2109 Datasheet
90Kb / 10P
   Plug and Play SCSI Terminator
022698
logo
Microsemi Corporation
LX5121 MICROSEMI-LX5121 Datasheet
145Kb / 4P
   ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5122 MICROSEMI-LX5122 Datasheet
89Kb / 4P
   ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5240 MICROSEMI-LX5240 Datasheet
165Kb / 5P
   MULTIMODE, PLUG AND PLAY SCSI TERMINATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com