Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXM3525ER Datasheet(PDF) 10 Page - Sony Corporation

Part # CXM3525ER
Description  DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3525ER Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXM3525ER Datasheet HTML 6Page - Sony Corporation CXM3525ER Datasheet HTML 7Page - Sony Corporation CXM3525ER Datasheet HTML 8Page - Sony Corporation CXM3525ER Datasheet HTML 9Page - Sony Corporation CXM3525ER Datasheet HTML 10Page - Sony Corporation CXM3525ER Datasheet HTML 11Page - Sony Corporation CXM3525ER Datasheet HTML 12Page - Sony Corporation CXM3525ER Datasheet HTML 13Page - Sony Corporation CXM3525ER Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CXM3525ER
- 10 -
Electrical characteristics are measured with all RF ports terminated in 50
Ω.
*1
Pin on Tx1: 35dBm, 824 to 915MHz, VDD = 2.8V, Tx1 enabled
*2
Pin on Tx2: 32dBm, 1710 to 1910MHz, VDD = 2.8V, Tx2 enabled
*3
Pin on Ant: 10dBm, 869 to 960MHz, VDD = 2.8V, Rx1 or Rx2 enabled
*4
Pin on Ant: 10dBm, 1805 to 1990MHz, VDD = 2.8V, Rx3 or Rx4 enabled
*5
Pin on TRx1: 26dBm, 824 to 894MHz, VDD = 2.8V, TRx1 enabled
*6
Pin on TRx2: 26dBm, 1428 to 1496MHz, VDD = 2.8V, TRx2 enabled
*7
Pin on TRx3: 26dBm, 1750 to 1880MHz, VDD = 2.8V, TRx3 enabled
*8
Pin on TRx4: 26dBm, 1920 to 2170MHz, VDD = 2.8V, TRx4 enabled
Item
Symbol
Path
Condition
Ant Active
Ext Active
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Harmonics***
2fo
Tx1-Ant/Ext
*1
–33
–33
dBm
3fo
–33
–33
2fo
Tx2-Ant/Ext
*2
–33
–33
3fo
–33
–33
2fo
TRx1-Ant/Ext
*5
–36
–36
3fo
–36
–36
2fo
TRx2-Ant/Ext
*6
–36
–36
3fo
–36
–36
2fo
TRx3-Ant/Ext
*7
–36
–36
3fo
–36
–36
2fo
TRx4-Ant/Ext
*8
–36
–36
3fo
–36
–36
ACLR***
±5MHz
TRx1-Ant/Ext
*5
–50
–50
dBc
±10MHz
–55
–55
±5MHz
TRx2-Ant/Ext
*6
–50
–50
±10MHz
–55
–55
±5MHz
TRx3-Ant/Ext
*7
–50
–50
±10MHz
–55
–55
±5MHz
TRx4-Ant/Ext
*8
–50
–50
±10MHz
–55
–55
Item
Symbol
Path
Condition
Min.
Typ.
Max.
Unit
Isolation
ISO1
Tx1-Rx1, 2, 3, 4
Tx1-Ant
/Ext Active Freq. = Tx1_Band
30
dB
Tx1-TRx2, 3, 4
Tx1-Ant
/Ext Active Freq. = Tx1_Band
25
Tx1-TRx1
Tx1-Ant
/Ext Active Freq. = Tx1_Band
30
Tx2-Rx1, 2, 3, 4
Tx2-Ant
/Ext Active Freq. = Tx2_Band
30
Tx2-TRx1, 2, 4
Tx2-Ant
/Ext Active Freq. = Tx2_Band
14
Tx2-TRx3
Tx2-Ant
/Ext Active Freq. = Tx2_Band
25
ISO2
Tx1-Ant
Rx1, 2 Active Freq.
= Tx1_Band
25
Tx1-Ext
Rx1, 2 Active Freq.
= Tx1_Band
25
Tx2-Ant
Rx3, 4 Active Freq.
= Tx2_Band
17
Tx2-Ext
Rx3, 4 Active Freq.
= Tx2_Band
17.5
ISO3
Tx1-Tx2
Tx1 Active Freq.
= Tx1_Band
16
Tx2 Active Freq.
= Tx2_Band
19


Similar Part No. - CXM3525ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
More results

Similar Description - CXM3525ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3542ER SONY-CXM3542ER Datasheet
210Kb / 14P
   3P9T Antenna Switch for GSM/CDMA Dual Mode Phones
CXG1230EQ SONY-CXG1230EQ Datasheet
213Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
   SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
CXM3560XR SONY-CXM3560XR Datasheet
239Kb / 12P
   SP10T Antenna Switch for GSM/UMTS Dual Mode Handsets
logo
List of Unclassifed Man...
CXG1190EQ ETC-CXG1190EQ Datasheet
47Kb / 2P
   GSM/UMTS Dual Mode Terminal Ultralow Loss Antenna Switch Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com