Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXM3539XR Datasheet(PDF) 7 Page - Sony Corporation

Part # CXM3539XR
Description  SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3539XR Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXM3539XR Datasheet HTML 3Page - Sony Corporation CXM3539XR Datasheet HTML 4Page - Sony Corporation CXM3539XR Datasheet HTML 5Page - Sony Corporation CXM3539XR Datasheet HTML 6Page - Sony Corporation CXM3539XR Datasheet HTML 7Page - Sony Corporation CXM3539XR Datasheet HTML 8Page - Sony Corporation CXM3539XR Datasheet HTML 9Page - Sony Corporation CXM3539XR Datasheet HTML 10Page - Sony Corporation CXM3539XR Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CXM3539XR
- 7 -
Electrical Characteristics are measured with all RF ports terminated in 50
Ω.
*1
Pin on Tx1: 34dBm, 824 to 915MHz, Tx1 enabled
*2
Pin on Tx2: 32dBm, 1710 to 1910MHz, Tx2 enabled
*3
Pin on Ant: 10dBm, 869 to 960MHz, Rx1, Rx2 or Rx4 enabled
*4
Pin on Ant: 10dBm, 1805 to 1990MHz, Rx1, Rx2 or Rx4 enabled
*5
Pin on TRx1, TRx2 or TRx3: 26dBm, 1920 to 1980MHz, TRx1, TRx2 or TRx3 enabled
*6
Pin on Ant: 10dBm, 2110 to 2170MHz, TRx1, TRx2 or TRx3 enabled
*7
Pin on TRx2 or TRx3: 26dBm, 824 to 849MHz, TRx2 or TRx3 enabled
*8
Pin on Ant: 10dBm, 869 to 894MHz, TRx2 or TRx3 enabled
*9
Pin on TRx2 or TRx3: 26dBm, 1710 to 1910MHz, TRx2 or TRx3 enabled
*10
Pin on Ant: 10dBm, 1805 to 1990MHz, TRx2 or TRx3 enabled
*11
Pin on TRx1: 20dBm, 1950MHz, Pin on Ant: –15dBm, 190MHz, TRx1 enabled
*12
Pin on TRx2 or TRx3: 20dBm, 1745MHz, Pin on Ant: –15dBm, 95MHz, TRx2 or TRx3 enabled
*13
Pin on TRx2 or TRx3: 20dBm, 1880MHz, Pin on Ant: –15dBm, 80MHz, TRx2 or TRx3 enabled
*14
Pin on TRx2 or TRx3: 20dBm, 835MHz, Pin on Ant: –15dBm, 45MHz, TRx2 or TRx3 enabled
*15
Pin on TRx1: 20dBm, 1950MHz, Pin on Ant: –15dBm, 1760MHz, TRx1 enabled
*16
Pin on TRx2 or TRx3: 20dBm, 1745MHz, Pin on Ant: –15dBm, 1650MHz, TRx2 or TRx3 enabled
*17
Pin on TRx2 or TRx3: 20dBm, 1880MHz, Pin on Ant: –15dBm, 1800MHz, TRx2 or TRx3 enabled
*18
Pin on TRx2 or TRx3: 20dBm, 835MHz, Pin on Ant: –15dBm, 790MHz, TRx2 or TRx3 enabled
*19
Measured with the recommended circuit
Intermodulation
distortion level
in Rx band
IMD2
TRx1-Ant
*11
, *19
–106
–97
dBm
TRx2-Ant
*12
, *19
–108
–97
*13
, *19
–106
–97
*14
, *19
–117
–97
TRx3-Ant
*12
, *19
–106
–97
*13
, *19
–105
–97
*14
, *19
–116
–97
IMD3
TRx1-Ant
*15
, *19
–105
–97
TRx2-Ant
*16
, *19
–105
–97
*17
, *19
–108
–97
*18
, *19
–109
–97
TRx3-Ant
*16
, *19
–104
–97
*17
, *19
–107
–97
*18
, *19
–108
–97
Switching time
Ts
50%Ctl to 90%RF
3
5
μs
Control current
Ictl
Vctl = 1.80V
1
5
μA
Supply current
Idd
VDD = 2.65V
0.18
0.40
mA
Sleep current
Isleep
Sleep Mode
*State9
VDD = 2.65V
—1
10
μA
Item
Symbol
Port
Condition
Min.
Typ.
Max.
Unit


Similar Part No. - CXM3539XR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3531XR SONY-CXM3531XR Datasheet
222Kb / 10P
   SP4T Antenna Switch for CDMA/UMTS
More results

Similar Description - CXM3539XR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
CXM3560XR SONY-CXM3560XR Datasheet
239Kb / 12P
   SP10T Antenna Switch for GSM/UMTS Dual Mode Handsets
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
   SP8T Antenna Switch for GSM/UMTS
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXG1230EQ SONY-CXG1230EQ Datasheet
213Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
   DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com