Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C138-15JXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C138-15JXC
Description  4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C138-15JXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C138-15JXC Datasheet HTML 1Page - Cypress Semiconductor CY7C138-15JXC Datasheet HTML 2Page - Cypress Semiconductor CY7C138-15JXC Datasheet HTML 3Page - Cypress Semiconductor CY7C138-15JXC Datasheet HTML 4Page - Cypress Semiconductor CY7C138-15JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C138-15JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C138-15JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C138-15JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C138-15JXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CY7C138, CY7C139
Document #: 38-06037 Rev. *E
Page 4 of 17
Electrical Characteristics Over the Operating Range (continued)
Parameter
Description
Test Conditions
7C138-35
7C139-35
7C138-55
7C139-55
Unit
Min
Max
Min
Max
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–10
+10
–10
+10
μA
IOZ
Output Leakage Current
Output Disabled, GND < VO < VCC
–10
+10
–10
+10
μA
ICC
Operating Current
VCC = Max.,
IOUT = 0 mA,
Outputs Disabled
Commercial
160
160
mA
Industrial
180
180
ISB1
Standby Current
(Both Ports TTL Levels)
CEL and CER > VIH,
f = fMAX[7]
Commercial
30
30
mA
Industrial
40
40
ISB2
Standby Current
(One Port TTL Level)
CEL and CER > VIH,
f = fMAX[7]
Commercial
100
100
mA
Industrial
110
110
ISB3
Standby Current
(Both Ports CMOS Levels)
Both Ports
CE and CER > VCC – 0.2V,
VIN > VCC – 0.2V
or VIN < 0.2V, f = 0[7]
Commercial
15
15
mA
Industrial
30
30
ISB4
Standby Current
(One Port CMOS Level)
One Port
CEL or CER > VCC – 0.2V,
VIN > VCC – 0.2V or
VIN < 0.2V, Active
Port Outputs, f = fMAX[7]
Commercial
90
90
mA
Industrial
100
100
Capacitance[8]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
15
pF
[+] Feedback


Similar Part No. - CY7C138-15JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138-15JXC CYPRESS-CY7C138-15JXC Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C138-15JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com