Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C138-35JC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C138-35JC
Description  4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C138-35JC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C138-35JC Datasheet HTML 4Page - Cypress Semiconductor CY7C138-35JC Datasheet HTML 5Page - Cypress Semiconductor CY7C138-35JC Datasheet HTML 6Page - Cypress Semiconductor CY7C138-35JC Datasheet HTML 7Page - Cypress Semiconductor CY7C138-35JC Datasheet HTML 8Page - Cypress Semiconductor CY7C138-35JC Datasheet HTML 9Page - Cypress Semiconductor CY7C138-35JC Datasheet HTML 10Page - Cypress Semiconductor CY7C138-35JC Datasheet HTML 11Page - Cypress Semiconductor CY7C138-35JC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY7C138, CY7C139
Document #: 38-06037 Rev. *E
Page 8 of 17
Figure 6. Write Cycle No. 1: OE Three-States Data I/Os (Either Port)[22, 23, 24]
Figure 7. Write Cycle No. 2: R/W Three-States Data I/Os (Either Port)[22, 24, 25]
Switching Waveforms (continued)
tAW
tWC
DATA VALID
HIGH IMPEDANCE
tSCE
tSA
tPWE
tHD
tSD
tHA
tHZOE
t
LZOE
SEM OR CE
R/W
OE
DATA OUT
DATA IN
ADDRESS
tAW
tWC
tSCE
tSA
tPWE
tHD
tSD
tHZWE
tHA
HIGH IMPEDANCE
SEM OR CE
R/W
DATA OUT
DATA IN
tLZWE
DATA VALID
ADDRESS
Notes
20. BUSY = HIGH for the writing port.
21. CEL = CER = LOW.
22. The internal write time of the memory is defined by the overlap of CE or SEM LOW and R/W LOW. Both signals must be LOW to initiate a write, and either signal can
terminate a write by going HIGH. The data input setup and hold timing should be referenced to the rising edge of the signal that terminates the write.
23. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or (tHZWE + tSD) to allow the I/O drivers to turn off and data to be
placed on the bus for the required tSD. If OE is HIGH during a R/W controlled write cycle (as in this example), this requirement does not apply and the write pulse can
be as short as the specified tPWE.
24. R/W must be HIGH during all address transitions.
[+] Feedback


Similar Part No. - CY7C138-35JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138-35JC CYPRESS-CY7C138-35JC Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7C138-35JC CYPRESS-CY7C138-35JC Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C138-35JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com