Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C0430CV-133BGI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C0430CV-133BGI
Description  10 Gb/s 3.3V QuadPort DSE Family
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0430CV-133BGI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C0430CV-133BGI Datasheet HTML 1Page - Cypress Semiconductor CY7C0430CV-133BGI Datasheet HTML 2Page - Cypress Semiconductor CY7C0430CV-133BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C0430CV-133BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C0430CV-133BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C0430CV-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C0430CV-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C0430CV-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C0430CV-133BGI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
CY7C0430BV
CY7C0430CV
Document #: 38-06027 Rev. *B
Page 5 of 37
Pin Configuration
272-ball Grid Array (BGA)
Top View
Note:
4. Central Leads are for thermal dissipation only. They are connected to device VSS.
123456789
10
11
12
13
14
15
16
17
18
19
20
A
LB
P1
I/O17
P2
I/O15
P2
I/O13
P2
I/O11
P2
I/O9
P2
I/O16
P1
I/O14
P1
I/O12
P1
I/O10
P1
I/O10
P4
I/O12
P4
I/O14
P4
I/O16
P4
I/O9
P3
I/O11
P3
I/O13
P3
I/O15
P3
I/O17
P3
LB
P4
B
VDD1
UB
P1
I/O16
P2
I/O14
P2
I/O12
P2
I/O10
P2
I/O17
P1
I/O13
P1
I/O11
P1
TMS
TDI
I/O11
P4
I/O13
P4
I/O17
P4
I/O10
P3
I/O12
P3
I/O14
P3
I/O16
P3
UB
P4
VDD1
C
A14
P1
A15
P1
CE1
P1
CE0
P1
R/W
P1
I/O15
P1
VSS2
VSS2
I/O9
P1
TCK
TDO
I/O9
P4
VSS2
VSS2
I/O15
P4
R/W
P4
CE0
P4
CE1
P4
A15
P4
A14
P4
D
VSS1
A12
P1
A13
P1
OE
P1
VDD2
VSS2
VSS2
VDD2
VDD
VSS
VSS
VDD
VDD2
VSS2
VSS2
VDD2
OE
P4
A13
P4
A12
P4
VSS1
E
A10
P1
A11
P1
MKRD
P1
CNTRD
P1
CNTRD
P4
MKRD
P4
A11
P4
A10
P4
F
A7
P1
A8
P1
A9
P1
CNTINT
P1
CNTINT
P4
A9
P4
A8
P4
A7
P4
G
VSS1
A5
P1
A6
P1
CNTINC
P1
CNTINC
P4
A6
P4
A5
P4
VSS1
H
A3
P1
A4
P1
MKLD
P1
CNTLD
P1
CNTLD
P4
MKLD
P4
A4
P4
A3
P4
J
VDD1
A1
P1
A2
P1
VDD
GND[4]
GND[4]
GND[4]
GND[4]
VDD
A2
P4
A1
P4
VDD1
K
A0
P1
INT
P1
CNTRST
P1
CLK
P1
GND[4]
GND[4]
GND[4]
GND[4]
CLK
P4
CNTRST
P4
INT
P4
A0
P4
L
A0
P2
INT
P2
CNTRST
P2
VSS
GND[4]
GND[4]
GND[4]
GND[4]
VSS
CNTRST
P3
INT
P3
A0
P3
M
VDD1
A1
P2
A2
P2
CLK
P2
GND[4]
GND[4]
GND[4]
GND[4]
CLK
P3
A2
P3
A1
P3
VDD1
N
A3
P2
A4
P2
MKLD
P2
CNTLD
P2
CNTLD
P3
MKLD
P3
A4
P3
A3
P3
P
VSS1
A5
P2
A6
P2
CNTINC
P2
CNTINC
P3
A6
P3
A5
P3
VSS1
R
A7
P2
A8
P2
A9
P2
CNTINT
P2
CNTINT
P3
A9
P3
A8
P3
A7
P3
T
A10
P2
A11
P2
MKRD
P2
CNTRD
P2
CNTRD
P3
MKRD
P3
A11
P3
A10
P3
U
VSS1
A12
P2
A13
P2
OE
P2
VDD2
VSS2
VSS2
VDD2
VDD
VSS
VSS
VDD
VDD2
VSS2
VSS2
VDD2
OE
P3
A13
P3
A12
P3
VSS1
V
A14
P2
A15
P2
CE1
P2
CE0
P2
R/W
P2
I/O6
P2
VSS2
VSS2
I/O0
P2
NC
NC
I/O0
P3
VSS2
VSS2
I/O6
P3
R/W
P3
CE0
P3
CE1
P3
A15
P3
A14
P3
W
VDD1
UB
P2
I/O7
P1
I/O5
P1
I/O3
P1
I/O1
P1
I/O8
P2
I/O4
P2
I/O2
P2
MRST
CLKBIST
I/O2
P3
I/O4
P3
I/O8
P3
I/O1
P4
I/O3
P4
I/O5
P4
I/O7
P4
UB
P3
VDD1
Y
LB
P2
I/O8
P1
I/O6
P1
I/O4
P1
I/O2
P1
I/O0
P1
1/O7
P2
I/O5
P2
I/O3
P2
I/O1
P2
I/O1
P3
I/O3
P3
I/O5
P3
I/O7
P3
I/O0
P4
I/O2
P4
I/O4
P4
I/O6
P4
I/O8
P4
LB
P3


Similar Part No. - CY7C0430CV-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430CV-133BGI CYPRESS-CY7C0430CV-133BGI Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
More results

Similar Description - CY7C0430CV-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430BV CYPRESS-CY7C0430BV Datasheet
827Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
CY7C0430BV CYPRESS-CY7C0430BV_06 Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
logo
Vitesse Semiconductor C...
VSC7980 VITESSE-VSC7980 Datasheet
408Kb / 2P
   Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family
logo
Keysight Technologies
N4970A KEYSIGHT-N4970A Datasheet
2Mb / 6P
   PRBS generator 10 Gb/s
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
   3.3V 64K x 18 Synchronous QuadPort??Static RAM
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com