Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C148-45DMB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C148-45DMB
Description  1Kx4 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C148-45DMB Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY7C148-45DMB Datasheet HTML 1Page - Cypress Semiconductor CY7C148-45DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C148-45DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C148-45DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C148-45DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C148-45DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C148-45DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C148-45DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C148-45DMB Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY7C148
CY7C149
Document #: 38-05059 Rev. **
Page 7 of 9
MILITARY SPECIFICATIONS
Group A Subgroup Testing
DC Characteristics
Parameters
Subgroups
IOH
1, 2, 3
IOL
1, 2, 3
VIH
1, 2, 3
VIL Max.
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC
1, 2, 3
ISB
[14]
1, 2, 3
Switching Characteristics
Parameters
Subgroups
READ CYCLE
tRC
7, 8, 9, 10, 11
tAA
7, 8, 9, 10, 11
tACS1
[14]
7, 8, 9, 10, 11
tACS2
[14]
7, 8, 9, 10, 11
tACS
[15]
7, 8, 9, 10, 11
tOH
7, 8, 9, 10, 11
WRITE CYCLE
tWC
7, 8, 9, 10, 11
tWP
7, 8, 9, 10, 11
tWR
7, 8, 9, 10, 11
tDW
7, 8, 9, 10, 11
tDH
7, 8, 9, 10, 11
tAS
7, 8, 9, 10, 11
tAW
7, 8, 9, 10, 11
Notes:
14. 7C148 only.
15. 7C149 only.
[+] Feedback


Similar Part No. - CY7C148-45DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C148 CYPRESS-CY7C148 Datasheet
161Kb / 8P
   1K x 4 Static RAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV25-167AXC CYPRESS-CY7C1480BV25-167AXC Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25-167AXC CYPRESS-CY7C1480BV25-167AXC Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C148-45DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C150 CYPRESS-CY7C150_03 Datasheet
312Kb / 11P
   1Kx4 Static RAM
CY7C150 CYPRESS-CY7C150 Datasheet
314Kb / 11P
   1Kx4 Static RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
   Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
   Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
   STATIC RAM
logo
Advanced Micro Devices
AM9128 AMD-AM9128 Datasheet
429Kb / 10P
   2048x8 Static RAM
logo
Cypress Semiconductor
CY7C197N CYPRESS-CY7C197N Datasheet
307Kb / 7P
   256Kx1 Static RAM
logo
Advanced Micro Devices
AM9044 AMD-AM9044 Datasheet
278Kb / 7P
   4096x1 Static RAM
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com