Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1034DV33-10BGXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1034DV33-10BGXI
Description  6-Mbit (256K X 24) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1034DV33-10BGXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1034DV33-10BGXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1034DV33-10BGXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1034DV33-10BGXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1034DV33-10BGXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1034DV33-10BGXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1034DV33-10BGXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1034DV33-10BGXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1034DV33-10BGXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1034DV33-10BGXI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C1034DV33
Document Number: 001-08351 Rev. *C
Page 4 of 9
Figure 2. AC Test Loads and Waveform [4]
AC Switching Characteristics
Over the operating range [5]
Parameter
Description
–10
Unit
Min
Max
Read Cycle
tpower [6]
VCC(Typical) to the First Access
100
μs
tRC
Read Cycle Time
10
ns
tAA
Address to Data Valid
10
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE Active LOW to Data Valid [3]
10
ns
tDOE
OE LOW to Data Valid
5
ns
tLZOE
OE LOW to Low Z [7]
1ns
tHZOE
OE HIGH to High Z [7]
5ns
tLZCE
CE Active LOW to Low Z [3, 7]
3ns
tHZCE
CE Deselect HIGH to High Z [3, 7]
5ns
tPU
CE Active LOW to Power Up [3, 8]
0ns
tPD
CE Deselect HIGH to Power Down [3, 8]
10
ns
90%
10%
3.0V
GND
90%
10%
All input pulses
3.3V
OUTPUT
5 pF*
(a)
(b)
R1 317
Ω
R2
351
Ω
Fall Time:> 1V/ns
(c)
OUTPUT
50
Ω
Z0= 50Ω
VTH = 1.5V
30 pF*
*Capacitive Load consists of all
components of the test environment
Rise Time > 1V/ns
*Including jig
and scope
Notes
4. Valid SRAM operation does not occur until the power supplies reach the minimum operating VDD (3.0V). 100 μs (tpower) after reaching the minimum operating VDD,
normal SRAM operation begins including reduction in VDD to the data retention (VCCDR, 2.0V) voltage.
5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, and input pulse levels of 0 to 3.0V. Test conditions for the read cycle use
output loading as shown in part a) of the AC Test Loads and Waveform [4], unless specified otherwise.
6. tPOWER gives the minimum amount of time that the power supply is at typical VCC values until the first memory access is performed.
7. tHZOE, tHZCE, tHZWE, tLZOE, tLZCE, and tLZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±200 mV from steady
state voltage.
8. These parameters are guaranteed by design and are not tested.
[+] Feedback


Similar Part No. - CY7C1034DV33-10BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1034DV33-8BGXC CYPRESS-CY7C1034DV33-8BGXC Datasheet
300Kb / 8P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-8BGXC CYPRESS-CY7C1034DV33-8BGXC Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
More results

Similar Description - CY7C1034DV33-10BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1034DV33 CYPRESS-CY7C1034DV33 Datasheet
300Kb / 8P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33 CYPRESS-CY7C1034DV33_07 Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com