Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C421-20JC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C421-20JC
Description  256/512/1K/2K/4K x 9 Asynchronous FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C421-20JC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C421-20JC Datasheet HTML 1Page - Cypress Semiconductor CY7C421-20JC Datasheet HTML 2Page - Cypress Semiconductor CY7C421-20JC Datasheet HTML 3Page - Cypress Semiconductor CY7C421-20JC Datasheet HTML 4Page - Cypress Semiconductor CY7C421-20JC Datasheet HTML 5Page - Cypress Semiconductor CY7C421-20JC Datasheet HTML 6Page - Cypress Semiconductor CY7C421-20JC Datasheet HTML 7Page - Cypress Semiconductor CY7C421-20JC Datasheet HTML 8Page - Cypress Semiconductor CY7C421-20JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CY7C419/21/25/29/33
256/512/1K/2K/4K x 9 Asynchronous FIFO
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06001 Rev. *C
Revised December 09, 2008
Features
Asynchronous first-in first-out (FIFO) buffer memories
256 x 9 (CY7C419)
512 x 9 (CY7C421)
1K x 9 (CY7C425)
2K x 9 (CY7C429)
4K x 9 (CY7C433)
Dual-ported RAM cell
High speed 50 MHz read and write independent of depth and
width
Low operating power: ICC = 35 mA
Empty and full flags (Half Full flag in standalone)
TTL compatible
Retransmit in standalone
Expandable in width
PLCC, 7x7 TQFP, SOJ, 300-mil, and 600-mil DIP
Pb-free packages available
Pin compatible and functionally equivalent to IDT7200,
IDT7201, IDT7202, IDT7203, IDT7204, AM7200, AM7201,
AM7202, AM7203, and AM7204
Functional Description
The CY7C419, CY7C420/1, CY7C424/5, CY7C428/9, and
CY7C432/3 are first-in first-out (FIFO) memories offered in
600-mil wide and 300-mil wide packages. There are 256, 512,
1,024, 2,048, and 4,096 words respectively by 9 bits wide. Each
FIFO memory is organized such that the data is read in the same
sequential order that it was written. Full and empty flags are
provided to prevent overrun and underrun. Three additional pins
are also provided to facilitate unlimited expansion in width, depth,
or both. The depth expansion technique steers the control
signals from one device to another in parallel. This eliminates the
serial addition of propagation delays, so that throughput is not
reduced. Data is steered in a similar manner.
The read and write operations may be asynchronous; each can
occur at a rate of 50 MHz. The write operation occurs when the
write (W) signal is LOW. Read occurs when read (R) goes LOW.
The nine data outputs go to the high impedance state when R is
HIGH.
A Half Full (HF) output flag that is valid in the standalone and
width expansion configurations is provided. In the depth
expansion configuration, this pin provides the expansion out
(XO) information that is used to tell the next FIFO that it is
activated.
In the standalone and width expansion configurations, a LOW on
the retransmit (RT) input causes the FIFOs to retransmit the
data. Read enable (R) and write enable (W) must both be HIGH
during retransmit, and then R is used to access the data.
The CY7C419, CY7C420, CY7C421, CY7C424, CY7C425,
CY7C428, CY7C429, CY7C432, and CY7C433 are fabricated
using an advanced 0.65-micron P-well CMOS technology. Input
ESD protection is greater than 2000V and latch-up is prevented
by careful layout and guard rings.
Logic Block Diagram
CY7C419/21/25/29/33256/512/1K/2K/4K x 9 Asynchronous FIFO
[+] Feedback


Similar Part No. - CY7C421-20JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C421-20JC CYPRESS-CY7C421-20JC Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421-20JC CYPRESS-CY7C421-20JC Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
More results

Similar Description - CY7C421-20JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com