Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C024-55AXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C024-55AXC
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024-55AXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C024-55AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C024-55AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C024-55AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C024-55AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C024-55AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C024-55AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C024-55AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C024-55AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C024-55AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CY7C024/024A/0241
CY7C025/0251
Document #: 38-06035 Rev. *D
Page 5 of 21
Semaphores are accessed by asserting SEM LOW. The SEM
pin functions as a chip select for the semaphore latches (CE
must remain HIGH during SEM LOW). A0–2 represents the
semaphore address. OE and R/W are used in the same manner
as a normal memory access. When writing or reading a
semaphore, the other address pins have no effect.
When writing to the semaphore, only I/O0 is used. If a zero is
written to the left port of an available semaphore, a one appears
at the same semaphore address on the right port. That
semaphore can now only be modified by the side showing zero
(the left port in this case). If the left port now relinquishes control
by writing a one to the semaphore, the semaphore is set to one
for both sides. However, if the right port had requested the
semaphore (written a zero) while the left port had control, the
right port immediately owns the semaphore as soon as the left
port released it. Table 3 shows sample semaphore operations.
When reading a semaphore, all sixteen/eighteen data lines
output the semaphore value. The read value is latched in an
output register to prevent the semaphore from changing state
during a write from the other port. If both ports attempt to access
the semaphore within tSPS of each other, the semaphore is
definitely obtained by one side or the other, but there is no
guarantee which side controls the semaphore
Table 1. Non-Contending Read/Write
Inputs
Outputs
Operation
CE
R/W
OE
UB
LB
SEM
I/O0–I/O7
[3]
I/O8–I/O15
[4]
H
X
X
X
X
H
High Z
High Z
Deselected: Power Down
X
X
X
H
H
H
High Z
High Z
Deselected: Power Down
L
L
X
L
H
H
High Z
Data In
Write to Upper Byte Only
L
L
X
H
L
H
Data In
High Z
Write to Lower Byte Only
L
L
X
L
L
H
Data In
Data In
Write to Both Bytes
L
H
L
L
H
H
High Z
Data Out
Read Upper Byte Only
L
H
L
H
L
H
Data Out
High Z
Read Lower Byte Only
L
H
L
L
L
H
Data Out
Data Out
Read Both Bytes
X
X
H
X
X
X
High Z
High Z
Outputs Disabled
H
H
L
X
X
L
Data Out
Data Out
Read Data in Semaphore Flag
X
H
L
H
H
L
Data Out
Data Out
Read Data in Semaphore Flag
H
X
X
X
L
Data In
Data In
Write DIN0 into Semaphore Flag
X
X
H
H
L
Data In
Data In
Write DIN0 into Semaphore Flag
L
X
X
L
X
L
Not Allowed
L
X
X
X
L
L
Not Allowed
Table 2. Interrupt Operation Example (Assumes BUSYL=BUSYR=HIGH)
[7]
Function
Left Port
Right Port
R/WL
CEL
OEL
A0L–11L
INTL
R/WR
CER
OER
A0R–11R
INTR
Set Right INTR Flag
L
L
X
(1)FFF
X
X
X
X
X
L[9]
Reset Right INTR Flag
X
X
X
X
X
X
L
L
(1)FFF
H[8]
Set Left INTL Flag
X
X
X
X
L[8]
LL
X
(1)FFE
X
Reset Left INTL Flag
X
L
L
(1)FFE
H[9]
XX
X
X
X
[+] Feedback


Similar Part No. - CY7C024-55AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024-55AXC CYPRESS-CY7C024-55AXC Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-55AXC CYPRESS-CY7C024-55AXC Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C024-55AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024 Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024_0411 CYPRESS-CY7C024_0411 Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com